Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PC48F4400PLXC0 Datasheet(PDF) 74 Page - Numonyx B.V

No. de pieza PC48F4400PLXC0
Descripción Electrónicos  Numonyx Wireless Flash Memory (W18)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NUMONYX [Numonyx B.V]
Página de inicio  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

PC48F4400PLXC0 Datasheet(HTML) 74 Page - Numonyx B.V

Back Button PC48F4400PLXC0 Datasheet HTML 70Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 71Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 72Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 73Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 74Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 75Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 76Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 77Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 78Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 102 page
background image
Numonyx™ Wireless Flash Memory (W18)
Datasheet
November 2007
74
Order Number: 290701-18
Numonyx™ Wireless Flash Memory (W18)
13.1.7
WP# Lock-Down Control
The Write Protect signal, WP#, adds an additional layer of block security. WP# only
affects blocks that once had the Lock-Down command written to them. After the lock-
down status bit is set for a block, asserting WP# forces that block into the lock-down
state [011] and prevents it from being unlocked. After WP# is deasserted, the block’s
state reverts to locked [111] and software commands can then unlock the block (for
erase or program operations) and subsequently re-lock it. Only device reset or power-
down can clear the lock-down status bit and render WP# ineffective.
13.2
Protection Register
The Numonyx Wireless Flash Memory (W18) includes a 128-bit Protection Register. This
protection register is used to increase system security and for identification purposes.
The protection register value can match the flash component to the system’s CPU or
ASIC to prevent device substitution.
The lower 64 bits within the protection register are programmed by Numonyx with a
unique number in each flash device. The upper 64 OTP bits within the protection
register are left for the customer to program. Once programmed, the customer
segment can be locked to prevent further programming.
Note:
The individual bits of the user segment of the protection register are OTP, not the
register in total. The user may program each OTP bit individually, one at a time, if
desired. After the protection register is locked, however, the entire user segment is
locked and no more user bits can be programmed.
Figure 32: Locking Operations Flowchart
No
Start
Write 60h
Block Address
Write 90h
BBA + 02h
Read Block Lock
Status
Locking
Change?
Lock Change
Complete
Write 01,D0,2Fh
Block Address
Write FFh
Partition Address
Yes
Write
Write
Write
(Optional)
Read
(Optional)
Standby
(Optional)
Write
Lock
Setup
Lock,
Unlock, or
Lockdown
Confirm
Read ID
Plane
Block Lock
Status
Read
Array
Data = 60h
Addr = Block to lock/unlock/lock-down (BA)
Data = 01h (Lock block)
D0h (Unlock block)
2Fh (Lockdown block)
Addr = Block to lock/unlock/lock-down (BA)
Data = 90h
Addr = BBA + 02h
Block Lock status data
Addr = BBA + 02h
Confirm locking change on DQ[1:0].
(See Block Locking State Transitions Table
for valid combinations.)
Data = FFh
Addr = Any address in same partition
Bus
Operation
Command
Comments
LOCKING OPERATIONS PROCEDURE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com