| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PC48F4400PLXC0 Datasheet(PDF) 72 Page - Numonyx B.V |
|
|
|||||||||||||||||||||||||||||
PC48F4400PLXC0 Datasheet(HTML) 72 Page - Numonyx B.V |
|
72 / 102 page ![]() Numonyx™ Wireless Flash Memory (W18) Datasheet November 2007 72 Order Number: 290701-18 Numonyx™ Wireless Flash Memory (W18) 13.1.1 Lock All blocks default to locked (state [x01]) after initial power-up or reset. Locked blocks are fully protected from alteration. Attempted program or erase operations to a locked block will return an error in SR[1]. Unlocked blocks can be locked by using the Lock Block command sequence. Similarly, a locked block’s status can be changed to unlocked or lock-down using the appropriate software commands. 13.1.2 Unlock Unlocked blocks (states [x00] and [110]) can be programmed or erased. All unlocked blocks return to the locked state when the device is reset or powered-down. An unlocked block’s status can be changed to the locked or locked-down state using the appropriate software commands. A locked block can be unlocked by writing the Unlock Block command sequence if the block is not locked-down. 13.1.3 Lock-Down Locked-down blocks (state [011]) offer the user an additional level of write protection beyond that of a regular locked block. A block that is locked-down cannot have it’s state changed by software if WP# is asserted. A locked or unlocked block can be locked-down by writing the Lock-Down Block command sequence. If a block was set to locked-down, then later changed to unlocked, a Lock-Down command should be issued prior asserting WP# will put that block back to the locked-down state. When WP# is deasserted, locked-down blocks are changed to the locked state and can then be unlocked by the Unlock Block command. Figure 31: Block Locking State Diagram [X00] [X01] Power-Up/Reset Unlocked Locked [011] [111] [110] Locked- Down4,5 Software Locked [011] Hardware Locked5 Unlocked WP# Hardware Control Notes: 1. [a,b,c] represents [WP#, D1, D0]. X = Don’t Care. 2. D1 indicates block Lock-down status. D1 = ‘0’, Lock-down has not been issued to this block. D1 = ‘1’, Lock-down has been issued to this block. 3. D0 indicates block lock status. D0 = ‘0’, block is unlocked. D0 = ‘1’, block is locked. 4. Locked-down = Hardware + Software locked. 5. [011] states should be tracked by system software to determine difference between Hardware Locked and Locked-Down states. Software Block Lock (0x60/0x01) or Software Block Unlock (0x60/0xD0) Software Block Lock-Down (0x60/0x2F) WP# hardware control |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |