Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PC48F4400PLXC0 Datasheet(PDF) 17 Page - Numonyx B.V

No. de pieza PC48F4400PLXC0
Descripción Electrónicos  Numonyx Wireless Flash Memory (W18)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NUMONYX [Numonyx B.V]
Página de inicio  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

PC48F4400PLXC0 Datasheet(HTML) 17 Page - Numonyx B.V

Back Button PC48F4400PLXC0 Datasheet HTML 13Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 14Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 15Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 16Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 17Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 18Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 19Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 20Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 21Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 102 page
background image
November 2007
Datasheet
Order Number: 290701-18
17
Numonyx™ Wireless Flash Memory (W18)
Figure 5: 88-Ball (80 Active Balls) QUAD+ Ballout
Notes:
1.
Unused upper address balls can be treated as NC; for example, 128-Mbit device, A[25:23] are not used.
2.
See
Section 3.0, “Package Information” on page 13 for the mechanical specifications for the package.
Flash specific
SRAM/PSRAM specific
Global
Legend:
Top View - Ball Side Down
8
7
6
5
4
3
2
1
A
B
C
D
E
F
G
H
J
K
L
M
DU
A4
DU
DU
DU
DU
DU
DU
DU
A5
A3
A2
A7
A1
A6
A0
A18
A19
VSS
VSS
A23
A24
A25
A17
F2-VCC
CLK
A21
A22
A12
A11
A13
A9
P1-CS#
F-VPP,
F-VPEN
A20
A10
A15
F-WE#
A8
D8
D2
D10
D5
D13
WAIT
A14
A16
F1-CE#
P-Mode,
P-CRE
VSS
VSS
VSS
P2-CS#
F1-VCC
F2-VCC VCCQ
F3-CE#
D0
D1
D9
D3
D4
D6
D7
D15
D11
D12
D14
F1-OE#
F2-OE#
P-VCC
S-CS2
R-WE#
R-UB#
R-LB#
R-OE#
S-VCC
S-CS1#
F1-VCC
F-WP#
ADV#
F-RST#
F2-CE#
VCCQ
VSS
VSS
VCCQ
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com