Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PC48F4400PLXC0 Datasheet(PDF) 91 Page - Numonyx B.V

No. de pieza PC48F4400PLXC0
Descripción Electrónicos  Numonyx Wireless Flash Memory (W18)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NUMONYX [Numonyx B.V]
Página de inicio  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

PC48F4400PLXC0 Datasheet(HTML) 91 Page - Numonyx B.V

Back Button PC48F4400PLXC0 Datasheet HTML 87Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 88Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 89Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 90Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 91Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 92Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 93Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 94Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 95Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 102 page
background image
November 2007
Datasheet
Order Number: 290701-18
91
Numonyx™ Wireless Flash Memory (W18)
Table 39: Block Status Register
Notes:
1.
BA = Block Address beginning location (i.e., 08000h is block 1’s beginning location when the block size is 32K-word).
B.4
CFI Query Identification String
The Identification String provides verification that the component supports the
Common Flash Interface specification. It also indicates the specification version and
supported vendor-specified command set(s).
Offset
Length
Description
Add.
Value
(BA+2)h(1)
1
Block Lock Status Register
BA+2
--00 or --01
BA+2 (bit 0): 0 or 1
BA+2 (bit 1): 0 or 1
BSR 2–7: Reserved for future use
BA+2
(bit 2–7): 0
BSR.0 Block lock status
0 = Unlocked
1 = Locked
BSR.1 Block lock-down status
0 = Not locked down
1 = Locked down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com