Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PC48F4400PLXC0 Datasheet(PDF) 19 Page - Numonyx B.V

No. de pieza PC48F4400PLXC0
Descripción Electrónicos  Numonyx Wireless Flash Memory (W18)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NUMONYX [Numonyx B.V]
Página de inicio  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

PC48F4400PLXC0 Datasheet(HTML) 19 Page - Numonyx B.V

Back Button PC48F4400PLXC0 Datasheet HTML 15Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 16Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 17Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 18Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 19Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 20Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 21Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 22Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 23Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 102 page
background image
November 2007
Datasheet
Order Number: 290701-18
19
Numonyx™ Wireless Flash Memory (W18)
Table 8:
Signal Descriptions - QUAD+ Package (Sheet 1 of 2)
Symbol
Type
Description
A[MAX:MIN]
Input
ADDRESS INPUTS: Inputs for all die addresses during read and write operations.
—256-Mbit Die : AMAX= A23
—128-Mbit Die : AMAX = A22
—64-Mbit Die : AMAX = A21
—32-Mbit Die : AMAX = A20
—8-Mbit Die : AMAX = A18
A0 is the lowest-order 16-bit wide address.
A[25:24] denote high-order addresses reserved for future device densities.
D[15:0]
Input/
Output
DATA INPUTS/OUTPUTS: Inputs data and commands during write cycles, outputs data during read
cycles. Data signals float when the device or its outputs are deselected. Data are internally latched
during writes on the flash device.
F[3:1]-CE#
Input
FLASH CHIP ENABLE: Low-true input.
F[3:1]-CE# low selects the associated flash memory die. When asserted, flash internal control logic,
input buffers, decoders, and sense amplifiers are active. When deasserted, the associated flash die is
deselected, power is reduced to standby levels, data and WAIT outputs are placed in high-Z state.
F1-CE# selects or deselects flash die #1; F2-CE# selects or deselects flash die #2 and is RFU on
combinations with only one flash die. F3-CE# selects or deselects flash die #3 and is RFU on stacked
combinations with only one or two flash dies.
S-CS1#
S-CS2
Input
SRAM CHIP SELECT: Low-true / High-true input (S-CS1# / S-CS2 respectively).
When either/both SRAM Chip Select signals are asserted, SRAM internal control logic, input buffers,
decoders, and sense amplifiers are active. When either/both SRAM Chip Select signals are deasserted,
the SRAM is deselected and its power is reduced to standby levels.
S-CS1# and S-CS2 are available on stacked combinations with SRAM die and are RFU on stacked
combinations without SRAM die.
P[2:1]-CS#
Input
PSRAM CHIP SELECT: Low-true input.
When asserted, PSRAM internal control logic, input buffers, decoders, and sense amplifiers are active.
When deasserted, the PSRAM is deselected and its power is reduced to standby levels.
P1-CS# selects PSRAM die #1 and is available only on stacked combinations with PSRAM die. This ball
is an RFU on stacked combinations without PSRAM. P2-CS# selects PSRAM die #2 and is available only
on stacked combinations with two PSRAM dies. This ball is an RFU on stacked combinations without
PSRAM or with a single PSRAM.
F[2:1]-OE#
Input
FLASH OUTPUT ENABLE: Low-true input.
Fx-OE# low enables the selected flash’s output buffers. F[2:1]-OE# high disables the selected flash’s
output buffers, placing them in High-Z.
F1-OE# controls the outputs of flash die #1; F2-OE# controls the outputs of flash die #2 and flash die
#3. F2-OE# is available on stacked combinations with two or three flash die and is RFU on stacked
combinations with only one flash die.
R-OE#
Input
RAM OUTPUT ENABLE: Low-true input.
R-OE# low enables the selected RAM’s output buffers. R-OE# high disables the RAM output buffers,
and places the selected RAM outputs in High-Z.
R-OE# is available on stacked combinations with PSRAM or SRAM die, and is an RFU on flash-only
stacked combinations.
F-WE#
Input
FLASH WRITE ENABLE: Low-true input.
F-WE# controls writes to the selected flash die. Address and data are latched on the rising edge of F-
WE#.
R-WE#
Input
RAM WRITE ENABLE: Low-true input.
R-WE# controls writes to the selected RAM die.
R-WE# is available on stacked combinations with PSRAM or SRAM die and is an RFU on flash-only
stacked combinations.
CLK
Input
CLOCK: Synchronizes the flash die with the system bus clock in synchronous read mode and
increments the internal address generator.
During synchronous read operations, addresses are latched on the rising edge of ADV#, or on the next
valid CLK edge with ADV# low, whichever occurs first.
In asynchronous mode, addresses are latched on the rising edge ADV#, or are continuously flow-
through when ADV# is kept asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com