Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PC48F4400PLXC0 Datasheet(PDF) 76 Page - Numonyx B.V

No. de pieza PC48F4400PLXC0
Descripción Electrónicos  Numonyx Wireless Flash Memory (W18)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NUMONYX [Numonyx B.V]
Página de inicio  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

PC48F4400PLXC0 Datasheet(HTML) 76 Page - Numonyx B.V

Back Button PC48F4400PLXC0 Datasheet HTML 72Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 73Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 74Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 75Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 76Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 77Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 78Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 79Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 80Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 102 page
background image
Numonyx™ Wireless Flash Memory (W18)
Datasheet
November 2007
76
Order Number: 290701-18
Numonyx™ Wireless Flash Memory (W18)
Figure 33: Protection Register Programming Flowchart
FULL STATUS CHECK PROCEDURE
Protection Program operations addresses must be within the
protection register address space. Addresses outside this
space will return an error.
Repeat for subsequent programming operations.
Full status register check can be done after each program or
after a sequence of program operations.
SR[3] MUST be cleared before the WSM will allow further
program attempts.
Only the Clear Staus Register command clears SR[4:3,1].
If an error is detected, clear the status register before
attempting a program retry or other error recovery.
Yes
No
1,1
1,0
1,1
PROTECTION REGISTER PROGRAMMINGPROCEDURE
Start
Write C0h
Addr=Prot addr
Write Protect.
Register
Address / Data
Read Status
Register
SR[7] = 1?
Full Status
Check
(if desired)
Program
Complete
Read SRD
Program
Successful
SR[4:3] =
SR[4,1] =
SR[4,1] =
V
PP Range Error
Programming Error
Locked-Register
Program Aborted
Standby
Standby
Bus
Operation
Command
SR[1] SR[3] SR[4]
011
V
PP Error
0
0
1
Protection register
program error
Comments
Write
Write
Standby
Protection
Program
Setup
Protection
Program
Data = C0h
Addr = Protection address
Data = Data to program
Addr = Protection address
Check SR[7]
1 = WSM Ready
0 = WSM Busy
Bus
Operation
Command
Comments
Read
Read SRD
Toggle CE# or OE# to update SRD
Standby
1
0
1
Register locked;
Operation aborted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com