Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PC48F4400PLXC0 Datasheet(PDF) 8 Page - Numonyx B.V

No. de pieza PC48F4400PLXC0
Descripción Electrónicos  Numonyx Wireless Flash Memory (W18)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NUMONYX [Numonyx B.V]
Página de inicio  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

PC48F4400PLXC0 Datasheet(HTML) 8 Page - Numonyx B.V

Back Button PC48F4400PLXC0 Datasheet HTML 4Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 5Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 6Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 7Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 8Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 9Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 10Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 11Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 12Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 102 page
background image
Numonyx™ Wireless Flash Memory (W18)
Datasheet
November 2007
8
Order Number: 290701-18
Numonyx™ Wireless Flash Memory (W18)
1.2
Conventions
Table 2:
Conventions
“1.8 V”
Refers to the full VCC voltage range of 1.7 V – 1.95 V (except where noted) and “VPP = 12 V” refers to 12 V
±5%.
Set
Refers to registers means the bit is a logical 1 and cleared means the bit is a logical 0.
Pin and signal
Often used interchangeably to refer to the external signal connections on the package (ball is the term used for
VF BGA).
Word
2 bytes or 16 bits.
Signal
Names are in all CAPS (see
Section 4.2, “Signal Descriptions” on page 18.)
Voltage
Applied to the signal is subscripted for example VPP.
Throughout this document, references are made to top, bottom, parameter, and partition. To clarify these references, the
following conventions have been adopted:
Block
A group of bits (or words) that erase simultaneously with one block erase instruction.
Main block
Contains 32-Kwords.
Parameter
block
Contains 4-Kwords.
Block Base
Address (BBA)
The first address of a block.
Partition
A group of blocks that share erase and program circuitry and a common Status Register.
Partition Base
Address (PBA)
The first address of a partition. For example, on a 32-Mbit top-parameter device partition number 5 has a PBA
of 0x140000.
Top partition
Located at the highest physical device address. This partition may be a main partition or a parameter partition.
Bottom
partition
Located at the lowest physical device address. This partition may be a main partition or a parameter partition.
Main partition
Contains only main blocks.
Parameter
partition
Contains a mixture of main blocks and parameter blocks.
Top parameter
device
Has the parameter partition at the top of the memory map with the parameter blocks at the top of that
partition. This was formerly referred to as a Top-Boot device.
Bottom
parameter
device (BPD)
Has the parameter partition at the bottom of the memory map with the parameter blocks at the bottom of that
partition. This was formerly referred to as a Bottom-Boot Block flash device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com