Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PC48F4400PLXC0 Datasheet(PDF) 100 Page - Numonyx B.V

No. de pieza PC48F4400PLXC0
Descripción Electrónicos  Numonyx Wireless Flash Memory (W18)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NUMONYX [Numonyx B.V]
Página de inicio  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

PC48F4400PLXC0 Datasheet(HTML) 100 Page - Numonyx B.V

Back Button PC48F4400PLXC0 Datasheet HTML 94Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 95Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 96Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 97Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 98Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 99Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 100Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 101Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 102Page - Numonyx B.V  
Zoom Inzoom in Zoom Outzoom out
 100 / 102 page
background image
Numonyx™ Wireless Flash Memory (W18)
Datasheet
November 2007
100
Order Number: 290701-18
Numonyx™ Wireless Flash Memory (W18)
Table 50: 48F Type Stacked Components
PC
48F
4400
P0
V
B
0
0
Package
Designator
Product Line
Designator
Product Die/
Density
Configuration
NOR Flash
Product Family
Voltage/NOR
Flash CE#
Configuration
Parameter /
Mux
Configuration
Ballout
Identifier
Device
Details
PC =
Easy BGA,
RoHS
RC =
Easy BGA,
Leaded
JS =
TSOP, RoHS
TE =
TSOP,
Leaded
PF =
SCSP, RoHS
RD =
SCSP,
Leaded
Stacked
NOR Flash
only
Char 1 = Flash
die #1
Char 2 = Flash
die #2
Char 3 = Flash
die #3
Char 4 = Flash
die #4
(See
Table 51,
“38F / 48F
Density
Decoder”
on
page 100
for details)
First character
applies to Flash
dies #1 and #2
Second character
applies to Flash
dies #3 and #4
(See
Table 52,
“NOR Flash
Family
Decoder” on
page 101 for
details)
V =
1.8 V Core
and 3 V I/O;
Virtual Chip
Enable
(See
Table 53,
“Voltage /
NOR Flash
CE#
Configurati
on
Decoder”
on
page 101
for details)
B =
Bottom
parameter;
Non-Mux I/O
interface
(See
Table 54,
“Paramete
r / Mux
Configurati
on
Decoder”
on
page 101
for details)
0 =
Discrete
Ballout
(See
Table 5
5,
“Ballout
Decoder
” on
page 10
2 for
details)
0 =
Original
released
version of
this
product
Table 51: 38F / 48F Density Decoder
Code
Flash Density
RAM Density
0
No Die
No Die
1
32-Mbit
4-Mbit
2
64-Mbit
8-Mbit
3
128-Mbit
16-Mbit
4
256-Mbit
32-Mbit
5
512-Mbit
64-Mbit
6
1-Gbit
128-Mbit
7
2-Gbit
256-Mbit
8
4-Gbit
512-Mbit
9
8-Gbit
1-Gbit
A
16-Gbit
2-Gbit
B
32-Gbit
4-Gbit
C
64-Gbit
8-Gbit
D
128-Gbit
16-Gbit
E
256-Gbit
32-Gbit
F
512-Gbit
64-Gbit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com