Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PC48F4400PLXC0 Datasheet(PDF) 59 Page - Numonyx B.V

No. de pieza PC48F4400PLXC0
Descripción Electrónicos  Numonyx Wireless Flash Memory (W18)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NUMONYX [Numonyx B.V]
Página de inicio  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

PC48F4400PLXC0 Datasheet(HTML) 59 Page - Numonyx B.V

Back Button PC48F4400PLXC0 Datasheet HTML 55Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 56Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 57Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 58Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 59Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 60Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 61Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 62Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 63Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 102 page
background image
November 2007
Datasheet
Order Number: 290701-18
59
Numonyx™ Wireless Flash Memory (W18)
11.0
Program Operations
11.1
Word Program
When the Word Program command is issued, the WSM executes a sequence of
internally timed events to program a word at the desired address and verify that the
bits are sufficiently programmed. Programming the flash array changes specifically
addressed bits to 0; 1 bits do not change the memory cell contents.
Programming can occur in only one partition at a time. All other partitions must be in
either a read mode or erase suspend mode. Only one partition can be in erase suspend
mode at a time.
The Status Register can be examined for program progress by reading any address
within the partition that is busy programming. However, while most Status Register bits
are partition-specific, the Device WSM Status bit, SR[7], is device-specific; that is, if
the Status Register is read from any other partition, SR[7] indicates program status of
the entire device. This permits the system CPU to monitor program progress while
reading the status of other partitions.
CE# or OE# toggle (during polling) updates the Status Register. Several commands can
be issued to a partition that is programming: Read Status Register, Program Suspend,
Read Identifier, and Read Query. The Read Array command can also be issued, but the
read data is indeterminate.
After programming completes, three Status Register bits can signify various possible
error conditions. SR[4] indicates a program failure if set. If SR[3] is set, the WSM
couldn’t execute the Word Program command because VPP was outside acceptable
limits. If SR[1] is set, the program was aborted because the WSM attempted to
program a locked block.
After the Status Register data is examined, clear it with the Clear Status Register
command before a new command is issued. The partition remains in Status Register
mode until another command is written to that partition. Any command can be issued
after the Status Register indicates program completion.
If CE# is deasserted while the device is programming, the devices will not enter
standby mode until the program operation completes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com