Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20203 Datasheet(PDF) 428 Page - Renesas Technology Corp

No. de pieza H8S/20203
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 Datasheet(HTML) 428 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 424Page - Renesas Technology Corp H8S/20203 Datasheet HTML 425Page - Renesas Technology Corp H8S/20203 Datasheet HTML 426Page - Renesas Technology Corp H8S/20203 Datasheet HTML 427Page - Renesas Technology Corp H8S/20203 Datasheet HTML 428Page - Renesas Technology Corp H8S/20203 Datasheet HTML 429Page - Renesas Technology Corp H8S/20203 Datasheet HTML 430Page - Renesas Technology Corp H8S/20203 Datasheet HTML 431Page - Renesas Technology Corp H8S/20203 Datasheet HTML 432Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 428 / 992 page
background image
Section 13 Timer RA
Rev. 1.00 Oct. 03, 2008 Page 402 of 962
REJ09B0465-0100
Bit
Symbol
Bit Name
Description
R/W
0
TEDGSEL
Input/output
polarity switch
• Timer mode
This bit should be set to 0.
• Pulse output mode
0: The initial value of TRAIO output is set at a high
level.
1: The initial value of TRAIO output is set at a low
level.
• Event count mode
0: Counter incremented at the TRAIO input rising
edge. The initial value of TRAIO output is set at a
low level.
1: Counter incremented at the TRAIO input falling
edge. The initial value of TRAIO output is set at
a high level.
• Pulse width measurement mode
0: Measures the low-level width of TRAIO input.
1: Measures the high-level width of TRAIO input.
• Pulse cycle measurement mode
0: Measures from the rising edge of the
measurement pulse to the next rising edge.
1: Measures from the falling edge of the
measurement pulse to the next falling edge.
R/W
Note:
When TCSTF = 1, do not rewrite this register.
• TIOGT1 bit and TIOGT0 bit (TRAIO event input control 1 and 0)
These bits control input events in event counter mode.
• TIPF1 bit and TIPF0 bit (TRAIO input filter select 1 and 0)
If filtered operation is selected, the input is determined when the same value is sampled three
times in succession from the TRAIO pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com