Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20203 Datasheet(PDF) 432 Page - Renesas Technology Corp

No. de pieza H8S/20203
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 Datasheet(HTML) 432 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 428Page - Renesas Technology Corp H8S/20203 Datasheet HTML 429Page - Renesas Technology Corp H8S/20203 Datasheet HTML 430Page - Renesas Technology Corp H8S/20203 Datasheet HTML 431Page - Renesas Technology Corp H8S/20203 Datasheet HTML 432Page - Renesas Technology Corp H8S/20203 Datasheet HTML 433Page - Renesas Technology Corp H8S/20203 Datasheet HTML 434Page - Renesas Technology Corp H8S/20203 Datasheet HTML 435Page - Renesas Technology Corp H8S/20203 Datasheet HTML 436Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 432 / 992 page
background image
Section 13 Timer RA
Rev. 1.00 Oct. 03, 2008 Page 406 of 962
REJ09B0465-0100
13.2.6
Timer RA Timer Register (TRATR)
b7
1
b6
1
b5
1
b4
1
b3
1
b2
1
b1
1
b0
1
H'FF06F4
Bit:
Address:
Value after reset:
TRATR consists of a reload register and an 8-bit counter, each with an initial value of H'FF.
TRATR performs a down-count of the prescaler underflows. When an underflow occurs in
TRATR, the value of the reload register is loaded to the counter and a timer RA interrupt request
is generated at the same time.
The reload register and the counter are assigned to the same address. On write, a value is written
to the reload register, and on read, a counter value is read. However, on read in pulse cycle
measurement mode, a value in the read buffer is read. During a write to TRATR the load timing
from the reload register to the counter differs between counting in progress and counting stopped.
Writing to TRATR when counting is stopped causes the data to be written to both the reload
register and the counter. Writing to TRATR during counting causes the new value to be written to
the reload register in synchronization with an underflow of the prescaler first after four counts of
the count source, and to be loaded to the counter in synchronization with the next underflow of the
prescaler.
TRAPRE and TRATR should not be set to H'00 at the same time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com