Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20203 Datasheet(PDF) 438 Page - Renesas Technology Corp

No. de pieza H8S/20203
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 Datasheet(HTML) 438 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 434Page - Renesas Technology Corp H8S/20203 Datasheet HTML 435Page - Renesas Technology Corp H8S/20203 Datasheet HTML 436Page - Renesas Technology Corp H8S/20203 Datasheet HTML 437Page - Renesas Technology Corp H8S/20203 Datasheet HTML 438Page - Renesas Technology Corp H8S/20203 Datasheet HTML 439Page - Renesas Technology Corp H8S/20203 Datasheet HTML 440Page - Renesas Technology Corp H8S/20203 Datasheet HTML 441Page - Renesas Technology Corp H8S/20203 Datasheet HTML 442Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 438 / 992 page
background image
Section 13 Timer RA
Rev. 1.00 Oct. 03, 2008 Page 412 of 962
REJ09B0465-0100
13.3.7
Operation through an Event Link
Using the event link controller (ELC), timer RA can be made to operate in the following ways in
relation to events occurring in other modules.
(1) Starting Counter Operation
The start of counting operations by timer RA can be selected by the ELOPA register of the ELC.
When the event specified in ELSR0 occurs, the TSTART bit in the TRACR is set to 1, which
starts counting by timer RA. However, if the specified event occurs when the TCSTF flag has
already been set to 1, that event is not effective.
(2) Counting Events
The counting of events by timer RA can be selected by the ELOPA register of the ELC. When the
event specified in ELSR0 occurs, event-counter operation proceeds with that event as the source to
drive counting, regardless of the setting in TRAMR. When event-counter operation is to be
employed, set the TSTART bit in TRACR to 1 beforehand. When the value of the counter is read,
the value read out is the actual number of input events minus three.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com