Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20203 Datasheet(PDF) 439 Page - Renesas Technology Corp

No. de pieza H8S/20203
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 Datasheet(HTML) 439 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 435Page - Renesas Technology Corp H8S/20203 Datasheet HTML 436Page - Renesas Technology Corp H8S/20203 Datasheet HTML 437Page - Renesas Technology Corp H8S/20203 Datasheet HTML 438Page - Renesas Technology Corp H8S/20203 Datasheet HTML 439Page - Renesas Technology Corp H8S/20203 Datasheet HTML 440Page - Renesas Technology Corp H8S/20203 Datasheet HTML 441Page - Renesas Technology Corp H8S/20203 Datasheet HTML 442Page - Renesas Technology Corp H8S/20203 Datasheet HTML 443Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 439 / 992 page
background image
Section 13 Timer RA
Rev. 1.00 Oct. 03, 2008 Page 413 of 962
REJ09B0465-0100
Timer RA prescaler
underflow signal
1.
2.
3.
4.
5.
6.
When TRATR is read in pulse cycle measurement mode, the value in the read buffer can be read.
The TEDGF bit in TRACR is set to 1 (valid edge exists) on the second underflow of the timer RA
prescaler after a valid edge of the measurement pulses is input.
TRATR should be read between the TEDGF bit setting to 1 (valid edge exists) and the next
valid edge input.
The value in the read buffer is retained until TRATR is read. Therefore, if the value is not read
before the next valid edge input, the measurement result of the previous cycle remains.
The MOV instruction should be used to write 0 to the TEDGF bit in TRACR using a program.
Here, 1 should be written to the TUNDF bit .
The MOV instruction should be used to write 0 to the TUNDF bit in TRACR using a program.
Here, 1 should be written to the TEDGF bit.
If an underflow of timer RA and reloading of timer RA by valid edge input occur at the same time,
both the TUNDF and TEDGF bits are set to 1. In this case, the effectiveness of the TUNDF bit should
be determined according to the read buffer contents.
H'0E H'0D H'0F H'0E H'0D H'0C H'0B H'0A H'09 H'0F H'0E H'0D
H'01 H'00 H'0F H'0E
H'0F
H'0D
H'0F
H'0B H'0A
H'0D
H'01 H'00 H'0F H'0E
H'09
TSTART in TRACR
TEDGF in TRACR
"1"
"0"
"1"
"0"
"1"
"0"
"1"
"0"
"1"
"0"
Measurement pulse
(TRAIO pin input)
TRATR content
Read buffer content *1
TUNDF in TRACR
TRAIF in TRAIR
Start counting
TRA read (
*3)
Retained
Set to 0 by a program.
*4
*2
*2
Set to 0 by a program.
*5
*6
Set to 0 by a program.
Measurement condition:
H'0E
TRA reload
TRA reload
Retained
Underflow
Set to 1 by a program.
The initial value of TRATR is H'0F and the width from the rising edge to the next rising edge
of measurement pulse is measured (TEDGSEL = 0).
Notes:
Figure 13.4 Operation Example of Pulse Cycle Measurement Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com