| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/20203 Datasheet(PDF) 454 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/20203 Datasheet(HTML) 454 Page - Renesas Technology Corp |
|
454 / 992 page ![]() Section 14 Timer RB Rev. 1.00 Oct. 03, 2008 Page 428 of 962 REJ09B0465-0100 14.3.3 Programmable One-Shot Generation Mode This mode outputs one-shot pulses from the TRBO pin, based on either program or external trigger input. When a trigger is generated, beginning with that point in time the timer operates only once for any length of time specified in TRBPR. TRBSC is not used in this mode. In this mode, TRBPRE or TRBPR should not be set to H'00. (1) Starting and Stopping Operation The counting is started when 1 is written to the TOSST bit in TRBOCR or a valid trigger signal is input to the TRGB pin after the TSTART bit in TRBCR is set to 1 and the TCSTF flag is set to 1. For a trigger input, the pulse must be longer than one cycle of the clock source for counting. The counting is stopped when reloading is performed with an underflow of the counter, when 1 is written to the TOSSP bit in TRBOCR, or when 0 is written to the TSTART bit in TRBCR. (2) Forced Termination of Operation Writing 1 to the TSTOP bit in TRBCR stops the counting forcedly. When the counting is forcedly stopped, the timer RB counter, the prescaler counter, and any associated flags are initialized. (3) Interrupt Request An interrupt request is generated on the underflow of the timer RB counter. (4) Reading and Writing Count Value Reading TRBPRE and TRBTR reads count values from each register. If a write is performed to TRBPRE or TRBPR when counting is stopped, set values are written to both the reload register and the counter. If a write is performed to TRBPRE or TRBPR during counting, data is written only to the respective reload registers. The value written to TRBPRE takes effect in synchronization with the underflow of the prescaler. The value written to TRBPR takes effect during the next one-shot pulse. Figure 14.3 shows an operation example of the timer RB in programmable one-shot generation mode. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |