Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20203 Datasheet(PDF) 455 Page - Renesas Technology Corp

No. de pieza H8S/20203
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 Datasheet(HTML) 455 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 451Page - Renesas Technology Corp H8S/20203 Datasheet HTML 452Page - Renesas Technology Corp H8S/20203 Datasheet HTML 453Page - Renesas Technology Corp H8S/20203 Datasheet HTML 454Page - Renesas Technology Corp H8S/20203 Datasheet HTML 455Page - Renesas Technology Corp H8S/20203 Datasheet HTML 456Page - Renesas Technology Corp H8S/20203 Datasheet HTML 457Page - Renesas Technology Corp H8S/20203 Datasheet HTML 458Page - Renesas Technology Corp H8S/20203 Datasheet HTML 459Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 455 / 992 page
background image
Section 14 Timer RB
Rev. 1.00 Oct. 03, 2008 Page 429 of 962
REJ09B0465-0100
TOSSTF
in TRBOCR
TRGB pin
TRBIF in TRBIOC
Count source
Timer RB prescaler
underflow signal
Timer RB counter
TRBO pin
TOPL in TRBIOC
Write 1 to TOSST in
TRBOCR.
Conditions for the above operation:
TSTART
in TRBCR
"1"
"0"
"1"
"0"
"1"
"0"
"1"
"0"
H'00
H'00
Change to 0 at the
end of counting.
TRBPRE = H'01, TRBPR=H'01
TOPL = 0 and TOCNT = 0 in TRBIOC
INOSTG = 1 (TRBG pin one-shot trigger function is enabled)
INOSEG = 1 (Rising edge trigger)
H'01
H'01
H'01
Start of counting
Timer RB primary
reload
Start of counting
Timer RB primary
reload
Set to 0 by a program.
End of waveform output
Set to 1 by a program.
Change to 1 by the
TRGB pin input trigger.
Set to 0 by a program.
Start of waveform output
Start of waveform output
End of waveform output
Figure 14.3 Operation in Programmable One-Shot Generation Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com