Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20203 Datasheet(PDF) 462 Page - Renesas Technology Corp

No. de pieza H8S/20203
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 Datasheet(HTML) 462 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 458Page - Renesas Technology Corp H8S/20203 Datasheet HTML 459Page - Renesas Technology Corp H8S/20203 Datasheet HTML 460Page - Renesas Technology Corp H8S/20203 Datasheet HTML 461Page - Renesas Technology Corp H8S/20203 Datasheet HTML 462Page - Renesas Technology Corp H8S/20203 Datasheet HTML 463Page - Renesas Technology Corp H8S/20203 Datasheet HTML 464Page - Renesas Technology Corp H8S/20203 Datasheet HTML 465Page - Renesas Technology Corp H8S/20203 Datasheet HTML 466Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 462 / 992 page
background image
Section 14 Timer RB
Rev. 1.00 Oct. 03, 2008 Page 436 of 962
REJ09B0465-0100
14.5
Usage Notes
1. In programmable one-shot generation mode and programmable wait one-shot generation
mode, if the counting is stopped by clearing the TSTART bit in TRBCR to 0, the timer counter
holds a count value, and then stops.
2. After 1 is written to the TSTART bit when the counting is stopped, the TCSTF bit remains 0
for the number of cycles of the count source. The timer RB related registers*, with the
exception of the TRBCR for reading should not be accessed until the TCSTF bit is set to 1.
After 0 is written to the TSTART bit during counting, the TCSTF bit remains 1 for the number
of cycles of the count source. The timer RB related registers*, with the exception of the
TRBCR for reading should not be accessed until the TCSTF bit is cleared to 0.
Note:
Timer RB-related registers refer to registers TRBCR, TRBOCR, TRBIOC, TRBMR,
TRBPRE, TRBSC, and TRBPR.
3. TRBPRE and TRBPR should not be set to H'00 at the same time.
4. When rewriting the bits TRBPRE, TRBPR, and TRBSC at TSTART = 0, set TSTART to 1
after the passage of at least
φ2-cycle of the system clock.
5. When TSTART = 1 or TCSTF = 1, TRBIOC, or TRBMR should not be rewritten.
6. When writing 1 to the TOSST bit, read the TCSTF bit and write by verifying the value 1.
7. In programmable waveform generation mode or programmable wait one-shot mode, make sure
another write to TRBSC does not occur between writing to TRBPR and reloading to the
counter.
8. When writing successively to TRBPRE during counting (TCSTF=1), allow a minimum write
interval of 4 cycles of count source.
9. When writing successively to TRBPR and TRBSC during counting (TCSTF=1), allow a
minimum write interval of 4 cycles of count source.
10. When 1 is written to the TOSST or TOSSP bit in TRBOCR, the value of the TOSSTF bit
changes accordingly after 1 to 2 cycles of the source for counting. If 1 is written to the TOSSP
bit during the period between the TOSST bit having been set to 1 and the value of the TOSSTF
bit becoming 1, the value of the TOSSTF bit will become 0 in some cases and 1 in others,
depending on the internal state. In the same way, if 1 is written to the TOSST bit during the
period between the TOSSP bit having been set to 1 and the value of the TOSSTF bit becoming
0, whether the value of the TOSSTF bit will become 0 or 1 is not defined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com