Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20203 Datasheet(PDF) 464 Page - Renesas Technology Corp

No. de pieza H8S/20203
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 Datasheet(HTML) 464 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 460Page - Renesas Technology Corp H8S/20203 Datasheet HTML 461Page - Renesas Technology Corp H8S/20203 Datasheet HTML 462Page - Renesas Technology Corp H8S/20203 Datasheet HTML 463Page - Renesas Technology Corp H8S/20203 Datasheet HTML 464Page - Renesas Technology Corp H8S/20203 Datasheet HTML 465Page - Renesas Technology Corp H8S/20203 Datasheet HTML 466Page - Renesas Technology Corp H8S/20203 Datasheet HTML 467Page - Renesas Technology Corp H8S/20203 Datasheet HTML 468Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 464 / 992 page
background image
Section 15 Timer RC
Rev. 1.00 Oct. 03, 2008 Page 438 of 962
REJ09B0465-0100
Table 15.1 summarizes the timer RC functions, and figure 15.1 shows a block diagram of timer
RC.
Table 15.1
Timer RC Functions
Input/Output Pins
Item
Counter
FTIOA
FTIOB
FTIOC
FTIOD
Count clock
Internal clocks:
φ, φ/2, φ/4, φ/8, φ/32, and φ40
External clock: FTCI
General registers
(output compare/input
capture registers)
Period
specified in
GRA
GRA
GRB
GRC (buffer
register for
GRA in
buffer mode)
GRD (buffer
register for
GRB in
buffer mode)
GRA input
capture/
compare
match
GRA input
capture/
compare
match
Counter clearing function
TGRC input
Initial output value
setting function
Yes
Yes
Yes
Yes
Buffer function
Yes
Yes
0 output
Yes
Yes
Yes
Yes
1 output
Yes
Yes
Yes
Yes
Compare
match output
Toggle
output
Yes
Yes
Yes
Yes
Input capture function
Yes
Yes
Yes
Yes
PWM mode
Yes
Yes
Yes
PWM2 mode
Yes
Interrupt sources
Overflow
Compare
match/input
capture
Compare
match/input
capture
Compare
match/input
capture
Compare
match/input
capture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com