Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20203 Datasheet(PDF) 477 Page - Renesas Technology Corp

No. de pieza H8S/20203
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 Datasheet(HTML) 477 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 473Page - Renesas Technology Corp H8S/20203 Datasheet HTML 474Page - Renesas Technology Corp H8S/20203 Datasheet HTML 475Page - Renesas Technology Corp H8S/20203 Datasheet HTML 476Page - Renesas Technology Corp H8S/20203 Datasheet HTML 477Page - Renesas Technology Corp H8S/20203 Datasheet HTML 478Page - Renesas Technology Corp H8S/20203 Datasheet HTML 479Page - Renesas Technology Corp H8S/20203 Datasheet HTML 480Page - Renesas Technology Corp H8S/20203 Datasheet HTML 481Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 477 / 992 page
background image
Section 15 Timer RC
Rev. 1.00 Oct. 03, 2008 Page 451 of 962
REJ09B0465-0100
15.2.7
Timer RC I/O Control Register 1 (TRCIOR1)
b7
IOD3
1
b6
IOD2
0
b5
0
b4
0
b3
IOC3
1
b2
IOC2
0
b1
0
b0
0
H'FFFF8F
IOD[1:0]
IOC[1:0]
Bit:
Address:
Value after reset:
Bit
Symbol
Bit Name
Description
R/W
7
IOD3
I/O control D3 0: GRD is used as GR for the FTIOB pin
1: GRD is used as GR for the FTIOD pin
6
IOD2
I/O control D2 0: GRD functions as an output compare register
1: GRD functions as an input capture register
R/W
5, 4
IOD[1:0]
I/O control D1
and D0
When IOD3 = 0,
00: No output on compare match
01: 0 output to the FTIOB pin on compare match of
GRD
10: 1 output to the FTIOB pin on compare match of
GRD
11: Toggle output to the FTIOB pin on compare
match of GRD
When IOD3 = 1 and IOD2 = 0,
00: No output on compare match
01: 0 output to the FTIOD pin on compare match of
GRD
10: 1 output to the FTIOD pin on compare match of
GRD
11: Toggle output to the FTIOD pin on compare
match of GRD
When IOD3 = 1 and IOD2 = 1,
00: Input capture to GRD at rising edge of the FTIOD
pin
01: Input capture to GRD at falling edge of the
FTIOD pin
1X: Input capture to GRD at rising and falling edges
of the FTIOD pin
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com