Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20203 Datasheet(PDF) 478 Page - Renesas Technology Corp

No. de pieza H8S/20203
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 Datasheet(HTML) 478 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 474Page - Renesas Technology Corp H8S/20203 Datasheet HTML 475Page - Renesas Technology Corp H8S/20203 Datasheet HTML 476Page - Renesas Technology Corp H8S/20203 Datasheet HTML 477Page - Renesas Technology Corp H8S/20203 Datasheet HTML 478Page - Renesas Technology Corp H8S/20203 Datasheet HTML 479Page - Renesas Technology Corp H8S/20203 Datasheet HTML 480Page - Renesas Technology Corp H8S/20203 Datasheet HTML 481Page - Renesas Technology Corp H8S/20203 Datasheet HTML 482Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 478 / 992 page
background image
Section 15 Timer RC
Rev. 1.00 Oct. 03, 2008 Page 452 of 962
REJ09B0465-0100
Bit
Symbol
Bit Name
Description
R/W
3
IOC3
I/O control C3
0: GRC is used as GR for the FTIOA pin
1: GRC is used as GR for the FTIOC pin
R/W
2
IOC2
I/O control C2
0: GRC functions as an output compare register
1: GRC functions as an input capture register
R/W
1, 0
IOC[1:0]
I/O control C1
and C0
When IOC3 = 0,
00: No output on compare match
01: 0 output to the FTIOA pin on compare match of
GRC
10: 1 output to the FTIOA pin on compare match of
GRC
11: Toggle output to the FTIOA pin on compare
match of GRC
When IOC3 = 1 and IOC2 = 0,
00: No output on compare match
01: 0 output to the FTIOC pin on compare match of
GRC
10: 1 output to the FTIOC pin on compare match of
GRC
11: Toggle output to the FTIOC pin on compare
match of GRC
When IOC3 = 1 and IOC2 = 1,
00: Input capture to GRC at rising edge of the
FTIOC pin
01: Input capture to GRC at falling edge of the
FTIOC pin
1X: Input capture to GRC at rising and falling
edges of the FTIOC pin
R/W
[Legend]
X: Don't care.
Notes: 1. When a GR register functions as a buffer register for a paired GR register, the settings
in the IOA2 and IOB2 bits in TRCIOR0 and the IOC2 and IOD2 bits in TRCIOR1 of both
registers should be the same.
2. The setting of TRCIOR1 is invalid in PWM mode and PWM2 mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com