Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20203 Datasheet(PDF) 482 Page - Renesas Technology Corp

No. de pieza H8S/20203
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 Datasheet(HTML) 482 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 478Page - Renesas Technology Corp H8S/20203 Datasheet HTML 479Page - Renesas Technology Corp H8S/20203 Datasheet HTML 480Page - Renesas Technology Corp H8S/20203 Datasheet HTML 481Page - Renesas Technology Corp H8S/20203 Datasheet HTML 482Page - Renesas Technology Corp H8S/20203 Datasheet HTML 483Page - Renesas Technology Corp H8S/20203 Datasheet HTML 484Page - Renesas Technology Corp H8S/20203 Datasheet HTML 485Page - Renesas Technology Corp H8S/20203 Datasheet HTML 486Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 482 / 992 page
background image
Section 15 Timer RC
Rev. 1.00 Oct. 03, 2008 Page 456 of 962
REJ09B0465-0100
15.2.11
Timer RC Counter (TRCCNT)
b15
0
b14
0
b13
0
b12
0
b11
0
b10
0
b9
0
b8
0
H'FFFF80
b7
0
b6
0
b5
0
b4
0
b3
0
b2
0
b1
0
b0
0
Address:
Bit:
Value after reset:
TRCCNT is a 16-bit readable/writable up-counter. The input clock is selected by bits CKS2 to
CKS0 in TRCCR1. TRCCNT can be cleared to H'0000 through a compare match of GRA by
setting the CCLR bit in TRCCR1 to 1. When TRCCNT overflows from H'FFFF to H'0000, the
OVF flag in TRCSR is set to 1. If the OVIE bit in TRCIER is set to 1 at this time, an interrupt
request is generated. TRCCNT must always be read from or written to in units of 16 bits; 8-bit
accesses are not allowed. The initial value of TRCCNT is H'0000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com