Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20203 Datasheet(PDF) 138 Page - Renesas Technology Corp

No. de pieza H8S/20203
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 Datasheet(HTML) 138 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 134Page - Renesas Technology Corp H8S/20203 Datasheet HTML 135Page - Renesas Technology Corp H8S/20203 Datasheet HTML 136Page - Renesas Technology Corp H8S/20203 Datasheet HTML 137Page - Renesas Technology Corp H8S/20203 Datasheet HTML 138Page - Renesas Technology Corp H8S/20203 Datasheet HTML 139Page - Renesas Technology Corp H8S/20203 Datasheet HTML 140Page - Renesas Technology Corp H8S/20203 Datasheet HTML 141Page - Renesas Technology Corp H8S/20203 Datasheet HTML 142Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 992 page
background image
Section 5 Clock Pulse Generator
Rev. 1.00 Oct. 03, 2008 Page 112 of 962
REJ09B0465-0100
Bit
Symbol
Bit Name
Description
R/W
1
OSCHLT
Main oscillator
stop detect flag
0: The external main oscillator is oscillating.
1: The external main oscillator is stopped.
[Setting condition]
When the external main oscillator is stopped while
OSCBAKE is 1.
R
0
Reserved
This bit is read as 0. The write value should be 0.
Note:
A MOV instruction should be used to write to this register.
• WI bit (write inhibit)
This register can be written to only when this bit is 0. This bit is always read as 1.
• WE bit (write enable)
Bits 5 to 2 in this register can be written to when this bit is 1.
• OSCBAKE bit (external clock backup enable)
The main oscillator stop detect circuit is enabled when this bit is 1. When this LSI operates at
the external main oscillator clock, the backup function is enabled.
By detecting a
φosc stop, the system clock is automatically switched to either φhoco or φlow.
• CKSWIE bit (clock switching interrupt enable)
The main clock switching interrupt requests are enabled when this bit is 1.
• CKSWIF bit (clock switching interrupt enable)
This is a clock switching interrupt request flag.
• OSCHLT bit (main oscillator stop detect flag)
When the OSCBAKE bit is 1, this bit indicates the results of external oscillator stop detection.
This bit, however, simply indicates whether the oscillator is active or not; it does not indicate a
stable oscillation. When OSCBAKE is 0, this bit is always read as 0. An oscillator stop is
detected when the external oscillator is between 0 to 2 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com