Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20203 Datasheet(PDF) 140 Page - Renesas Technology Corp

No. de pieza H8S/20203
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 Datasheet(HTML) 140 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 136Page - Renesas Technology Corp H8S/20203 Datasheet HTML 137Page - Renesas Technology Corp H8S/20203 Datasheet HTML 138Page - Renesas Technology Corp H8S/20203 Datasheet HTML 139Page - Renesas Technology Corp H8S/20203 Datasheet HTML 140Page - Renesas Technology Corp H8S/20203 Datasheet HTML 141Page - Renesas Technology Corp H8S/20203 Datasheet HTML 142Page - Renesas Technology Corp H8S/20203 Datasheet HTML 143Page - Renesas Technology Corp H8S/20203 Datasheet HTML 144Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 992 page
background image
Section 5 Clock Pulse Generator
Rev. 1.00 Oct. 03, 2008 Page 114 of 962
REJ09B0465-0100
Bit
Symbol
Bit Name
Description
R/W
2, 1
SUBNC
[1:0]*
φsub noise
canceler
sampling
function
setting
00: The sampling circuit is disabled.
01: Sampling is performed at
φbase/4.
10: Sampling is performed at
φbase/16.
11: Setting prohibited
R/W
0
Reserved
This bit is read as 0. The write value should be 0.
Note:
A MOV instruction should be used to write to this register.
*
When the operation clock of the CPU selects
φlow, the sampling circuit is disabled
regardless of this bit setting.
• WI bit (write inhibit)
This register can be written to only when this bit is 0. This bit is always read as 1.
• WE bit (write enable)
Bits 5, 4, 2, and 1 in this register can be written to when this bit is 1.
• PHIHSEL bit (φhigh clock source select)
This bit is 1 when 0 is written to the WI bit in BAKCR at CKSWIF = 0 and WE = 1 and then 1
is written to this bit. If 0 is written to WI and this bit at WE = 1, this bit remains 0. If the main
oscillator stop is detected while the system clock selects
φosc and OSCBAKE and
BAKCKSEL in BAKCR are 1, respectively, this bit is 0.
• PHILSEL bit (φlow clock source select)
When 0 is written to WI and 1 is written to this bit at WE = 1, this bit is 1.
When 0 is written to WI and this bit at WE = 1, this bit is 0.
• SUBNC1 and SUBNC0 bits (φsub noise canceler sampling function setting)
Selects a sampling clock for the subclock oscillator noise canceler. The sampling circuit is
disabled in standby mode, when
φbase is stopped during clock switching, and when φlow has
been selected as
φbase, regardless of the setting of this bit. When timer RE is to be used in
real-time clock mode, the sampling circuit should be enabled.
Note:
The frequency of the low-speed on-chip oscillator varies greatly according to the power
supply voltage and operating temperature. In designing application systems, allow
sufficient margins for frequency variation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com