Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20203 Datasheet(PDF) 145 Page - Renesas Technology Corp

No. de pieza H8S/20203
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 Datasheet(HTML) 145 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 141Page - Renesas Technology Corp H8S/20203 Datasheet HTML 142Page - Renesas Technology Corp H8S/20203 Datasheet HTML 143Page - Renesas Technology Corp H8S/20203 Datasheet HTML 144Page - Renesas Technology Corp H8S/20203 Datasheet HTML 145Page - Renesas Technology Corp H8S/20203 Datasheet HTML 146Page - Renesas Technology Corp H8S/20203 Datasheet HTML 147Page - Renesas Technology Corp H8S/20203 Datasheet HTML 148Page - Renesas Technology Corp H8S/20203 Datasheet HTML 149Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 992 page
background image
Section 5 Clock Pulse Generator
Rev. 1.00 Oct. 03, 2008 Page 119 of 962
REJ09B0465-0100
Bit
Symbol
Bit Name
Description
R/W
4
SLEEPINT
Sleep mode
interrupt
generation flag
0: No interrupt has occurred in sleep mode.
1: An interrupt has occurred in sleep mode.
[Setting condition]
When an interrupt is generated in sleep mode.
[Clearing condition]
When an interrupt is generated in states other
than sleep mode.
R/W
3
Reserved
This bit is read as 0. The write value should be 0.
2 to 0
PHIS[2:0]
Bus master
operation clock
φs select
000:
φ
001:
φ/2
010:
φ/4
011:
φ/8
100:
φ/16
101:
φ/32
110: Setting prohibited
111: Setting prohibited
R/W
Note:
A MOV instruction should be used to write to this register.
• WI bit (write inhibit)
This register can be written to only when this bit is 0. This bit is always read as 1.
• WE bit (write enable)
Bits 2 to 0 in this register can be written to when this bit is 1.
• STBYINT bit (standby mode interrupt generation flag)
This bit is set to 1 when an interrupt is generated in standby mode. This bit is cleared to 0
when an interrupt is generated in the other state.
• SLEEPINT bit (sleep mode interrupt generation flag)
This bit is set to 1 when an interrupt is generated in sleep mode. This bit is cleared to 0 when
an interrupt is generated in the other state.
• PHIS2 bit to PHIS0 bit (bus master operation clock φs select)
Selects a clock source for the bus master operation clock
φs to be used in active mode or sleep
mode. The clock is changed immediately after this bit is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com