Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20203 Datasheet(PDF) 147 Page - Renesas Technology Corp

No. de pieza H8S/20203
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 Datasheet(HTML) 147 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 143Page - Renesas Technology Corp H8S/20203 Datasheet HTML 144Page - Renesas Technology Corp H8S/20203 Datasheet HTML 145Page - Renesas Technology Corp H8S/20203 Datasheet HTML 146Page - Renesas Technology Corp H8S/20203 Datasheet HTML 147Page - Renesas Technology Corp H8S/20203 Datasheet HTML 148Page - Renesas Technology Corp H8S/20203 Datasheet HTML 149Page - Renesas Technology Corp H8S/20203 Datasheet HTML 150Page - Renesas Technology Corp H8S/20203 Datasheet HTML 151Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 992 page
background image
Section 5 Clock Pulse Generator
Rev. 1.00 Oct. 03, 2008 Page 121 of 962
REJ09B0465-0100
Table 5.2
Relationship between Operation Frequency and Number of Wait States
Bit
Operation Frequency
STS3
STS2
STS1
STS0
Number of
Wait States
20 MHz
16 MHz
10 MHz
8 MHz
4 MHz
0
0
0
0
16 states
0.00
0.00
0.00
0.00
0.00
0
0
0
1
32 states
0.00
0.00
0.00
0.00
0.01
0
0
1
0
64 states
0.00
0.00
0.01
0.01
0.02
0
0
1
1
128 states
0.01
0.01
0.01
0.02
0.03
0
1
0
0
256 states
0.01
0.02
0.03
0.03
0.06
0
1
0
1
512 states
0.03
0.03
0.05
0.06
0.13
0
1
1
0
1024 states
0.05
0.06
0.10
0.13
0.26
0
1
1
1
2048 states
0.10
0.13
0.20
0.26
0.51
1
0
0
0
4096 states
0.20
0.26
0.41
0.51
1.02
1
0
0
1
8192 states
0.41
0.51
0.82
1.02
2.05
1
0
1
0
16384 states
0.82
1.02
1.64
2.05
4.10
1
0
1
1
32768 states
1.64
2.05
3.28
4.10
8.19
1
1
0
0
65536 states
3.28
4.10
6.55
8.19
16.38
1
1
0
1
131072 states 6.55
8.19
13.11
16.38
32.77
1
1
1
0
262144 states 13.11
16.38
26.21
32.77
65.54
1
1
1
1
Reserved
5.2.7
High-Speed OCO Control Register (HOCR)
b7
HOCOE
0
b6
0
b5
0
b4
0
b3
0
b2
0
b1
0
b0
0
H'FF062A
Bit:
Address:
Value after reset:
Bit
Symbol
Bit Name
Description
R/W
7
HOCOE
High-speed
OCO enable
0: The high-speed OCO is not used (standby state).
1: The high-speed OCO is used.
R/W
6 to 0
Reserved
These bits are read as 0. The write value should be 0.
• HOCOE bit (high-speed OCO enable)
Controls operation of the high-speed OCO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com