Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20203 Datasheet(PDF) 154 Page - Renesas Technology Corp

No. de pieza H8S/20203
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 Datasheet(HTML) 154 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 150Page - Renesas Technology Corp H8S/20203 Datasheet HTML 151Page - Renesas Technology Corp H8S/20203 Datasheet HTML 152Page - Renesas Technology Corp H8S/20203 Datasheet HTML 153Page - Renesas Technology Corp H8S/20203 Datasheet HTML 154Page - Renesas Technology Corp H8S/20203 Datasheet HTML 155Page - Renesas Technology Corp H8S/20203 Datasheet HTML 156Page - Renesas Technology Corp H8S/20203 Datasheet HTML 157Page - Renesas Technology Corp H8S/20203 Datasheet HTML 158Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 992 page
background image
Section 5 Clock Pulse Generator
Rev. 1.00 Oct. 03, 2008 Page 128 of 962
REJ09B0465-0100
Table 5.4 shows the high-speed OCO, low-speed OCO, main oscillator, and sub-oscillator
operation states in each operating mode (system state).
Table 5.4
Clock Operation States in Each Operating Mode
System State
System Clock
High-Speed
OCO Sate
Main
Oscillator
State
Low-Speed
OCO State
Sub-Oscillator
State
Reset released
φloco
Stopped
Stopped
Oscillating
φhoco
Oscillating
Depending on
user setting*
2
Oscillating
φosc
Depending on
user setting*
1
Depending on
user setting*
3
Oscillating
φloco
Depending on
user setting*
1
Depending on
user setting*
2
Oscillating
Active mode,
sleep mode
φsub
Depending on
user setting*
1
Depending on
user setting*
2
Oscillating
Standby mode None
Stopped
Stopped
Oscillating
Oscillating*
4
Notes: 1. Can be set with the HOCOE bit in HOCR.
2. Can be set with the PMRJ[1:0] bits in PMRJ.
3. Backup operation is performed by selecting the oscillation stop with the PMRJ[1:0] bits
in PMRJ when the backup function is enabled.
4. A crystal resonator should be connected when a sub-oscillator clock is used. To switch
the system base clock to
φsub immediately after the power-on, oscillation settling time
for the sub-oscillator should be ensured.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com