Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20203 Datasheet(PDF) 150 Page - Renesas Technology Corp

No. de pieza H8S/20203
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 Datasheet(HTML) 150 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 146Page - Renesas Technology Corp H8S/20203 Datasheet HTML 147Page - Renesas Technology Corp H8S/20203 Datasheet HTML 148Page - Renesas Technology Corp H8S/20203 Datasheet HTML 149Page - Renesas Technology Corp H8S/20203 Datasheet HTML 150Page - Renesas Technology Corp H8S/20203 Datasheet HTML 151Page - Renesas Technology Corp H8S/20203 Datasheet HTML 152Page - Renesas Technology Corp H8S/20203 Datasheet HTML 153Page - Renesas Technology Corp H8S/20203 Datasheet HTML 154Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 992 page
background image
Section 5 Clock Pulse Generator
Rev. 1.00 Oct. 03, 2008 Page 124 of 962
REJ09B0465-0100
5.2.10
High-Speed OCO Trimming Data Register 2 (HOTRMDR2)
b7
Undefined
b6
Undefined
b5
Undefined
b4
Undefined
b3
Undefined
b2
Undefined
b1
Undefined
b0
Undefined
H'FF062D
HOTRMDR2[7:0]
Bit:
Address:
Value after reset:
Bit
Symbol
Bit Name
Description
R/W
7 to 0
HOTRMDR2
[7:0]
Trimming
data 2
High-speed OCO frequency trimming data (40 MHz)
R/W
Note:
Bit 7 should not be modified when the frequency is trimmed to a desired frequency.
• HOTRMDR27 bit to HOTRMDR20 bit (trimming data 27 to 20)
Immediately after a reset, trimming data that produces a 40-MHz oscillation is loaded into the
LSI, and the data is written to this register. Reading these bits yields an undefined value.
If this register is to be used for timing a 32-MHz oscillation, before setting the HOCOE bit in
HOCR to 1, write the value stored in HOTRMDR4 into HOTRMDR2.
5.2.11
High-Speed OCO Trimming Data Register 3 (HOTRMDR3)
b7
Undefined
b6
Undefined
b5
Undefined
b4
Undefined
b3
Undefined
b2
Undefined
b1
Undefined
b0
Undefined
H'FF062E
HOTRMDR3[7:0]
Bit:
Address:
Value after reset:
Bit
Symbol
Bit Name
Description
R/W
7 to 0
HOTRMDR3
[7:0]
Trimming
data 3
High-speed OCO frequency trimming data (32 MHz)
R/W
Note:
Bit 7 should not be modified when the frequency is trimmed to a desired frequency.
• HOTRMDR37 bit to HOTRMDR30 bit (trimming data 37 to 30)
Immediately after a reset, trimming data that produces a 32-MHz oscillation is loaded into the
LSI, and the data is written to this register. Reading these bits yields an undefined value.
If 32-MHz oscillation is required then before setting the HOCOE bit in HOCR to 1, copy the
value stored in this register to HOTRMDR1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com