Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20203 Datasheet(PDF) 170 Page - Renesas Technology Corp

No. de pieza H8S/20203
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 Datasheet(HTML) 170 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 166Page - Renesas Technology Corp H8S/20203 Datasheet HTML 167Page - Renesas Technology Corp H8S/20203 Datasheet HTML 168Page - Renesas Technology Corp H8S/20203 Datasheet HTML 169Page - Renesas Technology Corp H8S/20203 Datasheet HTML 170Page - Renesas Technology Corp H8S/20203 Datasheet HTML 171Page - Renesas Technology Corp H8S/20203 Datasheet HTML 172Page - Renesas Technology Corp H8S/20203 Datasheet HTML 173Page - Renesas Technology Corp H8S/20203 Datasheet HTML 174Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 992 page
background image
Section 5 Clock Pulse Generator
Rev. 1.00 Oct. 03, 2008 Page 144 of 962
REJ09B0465-0100
5.6
Subclock Generator
Figure 5.20 shows a block diagram of the subclock generator.
2
1
X
X
Figure 5.20 Block Diagram of Subclock Generator
5.6.1
Connecting 32.768-kHz Crystal Resonator
Clock pulses can be supplied to the subclock divider by connecting a 32.768-kHz crystal
resonator, as shown in figure 5.21. A damping resistor Rd should be added, if necessary. Since the
resistor values vary depending on the resonator, use values recommended by the resonator
manufacturer.
C
1
C
2
X1
X2
C
1 = C2 = 15 pF (typ.)
Rd
Figure 5.21 Typical Connection to 32.768-kHz Crystal Resonator
5.6.2
Pin Connection when not Using Subclock
When the subclock is not used, connect pin X1 to VSS and leave pin X2 open, as shown in figure
5.22.
X
1
V
SS
X2
Open
Figure 5.22 Pin Connection when not Using Subclock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com