Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20203 Datasheet(PDF) 171 Page - Renesas Technology Corp

No. de pieza H8S/20203
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 Datasheet(HTML) 171 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 167Page - Renesas Technology Corp H8S/20203 Datasheet HTML 168Page - Renesas Technology Corp H8S/20203 Datasheet HTML 169Page - Renesas Technology Corp H8S/20203 Datasheet HTML 170Page - Renesas Technology Corp H8S/20203 Datasheet HTML 171Page - Renesas Technology Corp H8S/20203 Datasheet HTML 172Page - Renesas Technology Corp H8S/20203 Datasheet HTML 173Page - Renesas Technology Corp H8S/20203 Datasheet HTML 174Page - Renesas Technology Corp H8S/20203 Datasheet HTML 175Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 992 page
background image
Section 5 Clock Pulse Generator
Rev. 1.00 Oct. 03, 2008 Page 145 of 962
REJ09B0465-0100
5.7
Prescaler
The prescaler is a 13-bit counter using the system clock (
φ) as its input clock. The outputs, which
are divided clocks, are used as internal clocks by the on-chip peripheral modules. The prescaler is
initialized to H'0000 and stops counting after a reset. It starts counting when the PSCSTP bit in
LPCR1 is cleared. The prescaler counter cannot be accessed by the CPU.
The outputs from the prescaler is shared by the on-chip peripheral modules. The division ratio can
be set separately for each on-chip peripheral module. The clock input to the prescaler is a system
clock with the division ratio specified by bits PHI2 to PHI0 in LPCR2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com