| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/20203 Datasheet(PDF) 189 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/20203 Datasheet(HTML) 189 Page - Renesas Technology Corp |
|
189 / 992 page ![]() Section 7 ROM Rev. 1.00 Oct. 03, 2008 Page 163 of 962 REJ09B0465-0100 7.3 CPU Reprogramming Mode In CPU reprogramming mode, the user ROM area can be reprogrammed by executing the software commands by the CPU. The software commands should be issued to the specific area to be reprogrammed in the user ROM area. If an interrupt is requested during erasure operation in CPU reprogramming mode, erasure can be suspended to process the interrupt. This is referred to as erase-suspend function. In erase-suspend mode, the user ROM area can be read through programming. The CPU has two reprogramming modes, EW0 mode and EW1 mode. Table 7.1 shows differences between the two modes. Table 7.1 Differences between EW0 Mode and EW1 Mode Item EW0 Mode EW1 Mode Area in which a reprogramming- control program can be located User ROM area User ROM area Area in which a reprogramming- control program can be executed A reprogramming-control program must be transferred to RAM before execution. A reprogramming-control program can be executed in the user ROM area. Area which can be reprogrammed User ROM area User ROM area excluding the blocks in which a reprogramming-control program is located. Limitations on software commands None The program and erasure commands must not be executed on any block in which a reprogramming-control program is located. Mode after software command execution Read-array mode Read-array mode |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |