Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20203 Datasheet(PDF) 185 Page - Renesas Technology Corp

No. de pieza H8S/20203
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 Datasheet(HTML) 185 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 181Page - Renesas Technology Corp H8S/20203 Datasheet HTML 182Page - Renesas Technology Corp H8S/20203 Datasheet HTML 183Page - Renesas Technology Corp H8S/20203 Datasheet HTML 184Page - Renesas Technology Corp H8S/20203 Datasheet HTML 185Page - Renesas Technology Corp H8S/20203 Datasheet HTML 186Page - Renesas Technology Corp H8S/20203 Datasheet HTML 187Page - Renesas Technology Corp H8S/20203 Datasheet HTML 188Page - Renesas Technology Corp H8S/20203 Datasheet HTML 189Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 992 page
background image
Section 7 ROM
Rev. 1.00 Oct. 03, 2008 Page 159 of 962
REJ09B0465-0100
Section 7 ROM
The features of the on-chip flash memory are described below.
7.1
Overview
• Programming/erasing method
Four bytes are programmed simultaneously. A single block is erased at a time; only one block
should be erased at a time even when the entire ROM area is to be erased.
• Programming/erasing time
Program ROM programming time: 150
µs (typ.) for 4-byte simultaneous programming, i.e., 38
µs (typ.) per byte
Data flash programming time: 300
µs (typ.) for 4-byte simultaneous programming, i.e., 75 µs
(typ.) per byte
Erasing time: 200 ms (typ.) per block for the program ROM and data flash areas.
• Reprogramming capability: The program ROM area can be reprogrammed up to 1000 times
and the data flash area can be reprogrammed up to 10000 times.
• Two on-board programming modes
Boot mode: The on-chip SCI can be used for programming/erasing the user ROM area. In this
mode, the communication bit rate between the host and this LSI can be automatically adjusted.
User mode: Any interface can be used for programming/erasing the user ROM area.
• Programmer mode
A PROM programmer is used for programming/erasing.
• Protection function
Flash memory can be protected against erroneous programming and erasure.
Lock-bit protection function can be set through software.
• PROM-programmer protection/Boot-mode protection
By writing specified data to a specified address range in user ROM, protection of the user-
ROM area in boot mode and PROM-programmer mode can be established.
• Access cycle
Program ROM: One state
Data flash: Two states



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com