Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20203 Datasheet(PDF) 206 Page - Renesas Technology Corp

No. de pieza H8S/20203
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 Datasheet(HTML) 206 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 202Page - Renesas Technology Corp H8S/20203 Datasheet HTML 203Page - Renesas Technology Corp H8S/20203 Datasheet HTML 204Page - Renesas Technology Corp H8S/20203 Datasheet HTML 205Page - Renesas Technology Corp H8S/20203 Datasheet HTML 206Page - Renesas Technology Corp H8S/20203 Datasheet HTML 207Page - Renesas Technology Corp H8S/20203 Datasheet HTML 208Page - Renesas Technology Corp H8S/20203 Datasheet HTML 209Page - Renesas Technology Corp H8S/20203 Datasheet HTML 210Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 992 page
background image
Section 7 ROM
Rev. 1.00 Oct. 03, 2008 Page 180 of 962
REJ09B0465-0100
7.5.2
Specifications of Standard Serial Communication Interface in Boot Mode
The boot program activated in boot mode communicates with the host via the on-chip SCI3_1.
The following describes the specifications of the serial communication interface between the host
and the boot program.
The boot program has three states.
1. Bit-rate adjustment state
In this state, the boot program adjusts the SCI3_1 bit rate to match that of the host to perform
serial communication with the host. When this LSI is started up in boot mode, the boot
program is activated and enters the bit-rate adjustment state, in which it receives command
from the host and adjusts the bit rate accordingly. After bit rate adjustment is completed, the
boot program enters the inquiry/selection state.
2. Inquiry/selection state
In this state, the boot program responds to inquiry commands from the host. The device, clock
mode, and bit rate are selected. Upon completion of selection, the boot program enters the
programming/erasure state in response to the command for transition-to-programming/erasure
state. Before entering the programming/erasure state, the boot program transfers the erasure-
related libraries to the on-chip RAM and erases the user ROM areas.
3. Programming/erasure state
In this state, the boot program executes programming/erasure. The boot program transfers the
program for programming/erasure to the on-chip RAM according to the command transmitted
from the host and executes programming/erasure. The boot program also executes sum
checking and blank checking as directed using the corresponding commands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com