Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20203 Datasheet(PDF) 209 Page - Renesas Technology Corp

No. de pieza H8S/20203
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 Datasheet(HTML) 209 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 205Page - Renesas Technology Corp H8S/20203 Datasheet HTML 206Page - Renesas Technology Corp H8S/20203 Datasheet HTML 207Page - Renesas Technology Corp H8S/20203 Datasheet HTML 208Page - Renesas Technology Corp H8S/20203 Datasheet HTML 209Page - Renesas Technology Corp H8S/20203 Datasheet HTML 210Page - Renesas Technology Corp H8S/20203 Datasheet HTML 211Page - Renesas Technology Corp H8S/20203 Datasheet HTML 212Page - Renesas Technology Corp H8S/20203 Datasheet HTML 213Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 992 page
background image
Section 7 ROM
Rev. 1.00 Oct. 03, 2008 Page 183 of 962
REJ09B0465-0100
5. Response to memory reading command
This response includes 4-byte size information.
One-character command
or one-character response
Command or response
n-character command
or n-character response
Error response
128-byte
programming command
Response to memory
reading command
Data
Address
Data (128 bytes)
Data size
Data
Checksum
Checksum
Checksum
Data size
Command or response
Command
Response
Error response
Error code
Figure 7.8 Formats in Communication Protocol
• Command (1 byte): Inquiry, selection, programming, erasure, checking, etc.
• Response (1 byte): Response to an inquiry
• Size (1 or 2 bytes): The size of transmit/receive data excluding the command code, response,
size, and checksum.
• Data (n bytes): Particular data for a command or response
• Checksum (1 byte): This is set so that the total sum of the values from the command- code
field or response through the SUM field should be H'00.
• Error response (1 byte): Error response to a command
• Error code (1 byte): Type of an error that has occurred
• Address (4 bytes): Address for programming
• Data (128 bytes): Data for programming
• Data size (4 bytes): Four-byte length included in the response to the memory reading
command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com