Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20203 Datasheet(PDF) 228 Page - Renesas Technology Corp

No. de pieza H8S/20203
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 Datasheet(HTML) 228 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 224Page - Renesas Technology Corp H8S/20203 Datasheet HTML 225Page - Renesas Technology Corp H8S/20203 Datasheet HTML 226Page - Renesas Technology Corp H8S/20203 Datasheet HTML 227Page - Renesas Technology Corp H8S/20203 Datasheet HTML 228Page - Renesas Technology Corp H8S/20203 Datasheet HTML 229Page - Renesas Technology Corp H8S/20203 Datasheet HTML 230Page - Renesas Technology Corp H8S/20203 Datasheet HTML 231Page - Renesas Technology Corp H8S/20203 Datasheet HTML 232Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 992 page
background image
Section 7 ROM
Rev. 1.00 Oct. 03, 2008 Page 202 of 962
REJ09B0465-0100
Error response
H'C8
ERROR
• Error response H'C8 (1 byte): Error response to Erasure selection command
• ERROR (1 byte): Error code
H'54: Selection processing error (processing was not completed because of a transfer error)
(d) Block Erasure
In response to the block erasure command, the boot program erases the data in the specified block.
Command
H'58
Size
Block
number
SUM
• Command H'58 (1 byte): Block erasure
• Size (1 byte): The number of characters in the block-number field (fixed to 1)
• Block number (1 byte): The number specific to the block to be erased
• SUM (1 byte): Checksum
Response
H'06
• Response H'06 (1 byte): Response to the block erasure command.
The ACK code is returned when the specified block has been erased.
Error response
H'D8
ERROR
• Error response H'D8 (1 byte): Error response to the block erasure command
• ERROR (1 byte): Error code
H'11: Checksum error
H'29: Block number error (the specified block number is incorrect)
H'51: Erasure error (an error occurred during erasure)
On receiving the command with H'FF as the block number, the boot program terminates erasure
processing and waits for the next programming/erasure selection command.
Command
H'58
Size
Block
number
SUM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com