Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20203 Datasheet(PDF) 226 Page - Renesas Technology Corp

No. de pieza H8S/20203
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 Datasheet(HTML) 226 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 222Page - Renesas Technology Corp H8S/20203 Datasheet HTML 223Page - Renesas Technology Corp H8S/20203 Datasheet HTML 224Page - Renesas Technology Corp H8S/20203 Datasheet HTML 225Page - Renesas Technology Corp H8S/20203 Datasheet HTML 226Page - Renesas Technology Corp H8S/20203 Datasheet HTML 227Page - Renesas Technology Corp H8S/20203 Datasheet HTML 228Page - Renesas Technology Corp H8S/20203 Datasheet HTML 229Page - Renesas Technology Corp H8S/20203 Datasheet HTML 230Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 992 page
background image
Section 7 ROM
Rev. 1.00 Oct. 03, 2008 Page 200 of 962
REJ09B0465-0100
(b) 128-Byte Programming
In response to the 128-byte programming command, the boot program programs the user ROM
area according to the programming-control program transferred in response to the user-ROM-area
programming selection command.
Command
H'50
Address
Data
…
…
SUM
• Command H'50 (1 byte): 128-byte programming
• Address for programming (4 bytes): Address at which programming starts
The address should be the multiple of the size returned in response to the programming-size
inquiry command.
[Example] H'00, H01, H'00, H'00: H'00010000
• Programming data (128 bytes): Data for programming
The size of the programming data is the size returned in response to the programming-size
inquiry command.
• SUM (1 byte): Checksum
Response
H'06
• Response H'06 (1 byte): Response to the 128-byte programming command.
The ACK code is returned upon completion of the requested programming.
Error response
H'D0
ERROR
• Error response H'D0 (1 byte): Error response to the 128-byte programming command
• ERROR (1 byte): Error code
H'11: Checksum error
H'53: Programming error (programming failed because of an error in programming)
The specified address should be on a boundary corresponding to the unit of programming
(programming size). For example, when the programming size is 128 bytes, the lower 8 bits of the
address should be either H'00 or H'80. When less than 128 bytes of data are to be programmed, the
host should transmit the data after padding the vacant bytes with H'FF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com