Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20203 Datasheet(PDF) 235 Page - Renesas Technology Corp

No. de pieza H8S/20203
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 Datasheet(HTML) 235 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 231Page - Renesas Technology Corp H8S/20203 Datasheet HTML 232Page - Renesas Technology Corp H8S/20203 Datasheet HTML 233Page - Renesas Technology Corp H8S/20203 Datasheet HTML 234Page - Renesas Technology Corp H8S/20203 Datasheet HTML 235Page - Renesas Technology Corp H8S/20203 Datasheet HTML 236Page - Renesas Technology Corp H8S/20203 Datasheet HTML 237Page - Renesas Technology Corp H8S/20203 Datasheet HTML 238Page - Renesas Technology Corp H8S/20203 Datasheet HTML 239Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 992 page
background image
Section 7 ROM
Rev. 1.00 Oct. 03, 2008 Page 209 of 962
REJ09B0465-0100
Table 7.10
Software Commands (in Byte Instructions: FMWUS = 0)
First Command
Cycle
Second
Command Cycle
Third Command
to Fifth
Command Cycle
Command Use in
Modes
Software
Command
Mode Addr. Data
Mode Addr. Data
Mode Addr. Data
EW0
EW1
Erasure
Write
×
H'20 Write BA
H'D0
Possible Possible
Programming
Write WA
H'41 Write WA
WD1 Write WA
WD2
to
WD4
Possible Possible
Blank checking
Write
×
H'25 Write BA
H'D0
Possible Possible
Lock-bit
programming
Write
×
H'77 Write BA
H'D0
Possible Possible
Read-array
Write
×
H'FF
Possible
Clear-status
Write
×
H'50
Possible Possible
Lock-bit reading
Write
×
H'71 Read BA
H'xx
Possible Impossible
[Legend]
×:
Arbitrary address in the user ROM area
xx:
Eight-bit arbitrary data
BA:
Arbitrary address in a block
WA:
Programming address. (The lower two bits of an address are ignored. WA should be the
same in each command cycle.)
WDn:
Programming data (8 bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com