Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20203 Datasheet(PDF) 238 Page - Renesas Technology Corp

No. de pieza H8S/20203
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 Datasheet(HTML) 238 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 234Page - Renesas Technology Corp H8S/20203 Datasheet HTML 235Page - Renesas Technology Corp H8S/20203 Datasheet HTML 236Page - Renesas Technology Corp H8S/20203 Datasheet HTML 237Page - Renesas Technology Corp H8S/20203 Datasheet HTML 238Page - Renesas Technology Corp H8S/20203 Datasheet HTML 239Page - Renesas Technology Corp H8S/20203 Datasheet HTML 240Page - Renesas Technology Corp H8S/20203 Datasheet HTML 241Page - Renesas Technology Corp H8S/20203 Datasheet HTML 242Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 992 page
background image
Section 7 ROM
Rev. 1.00 Oct. 03, 2008 Page 212 of 962
REJ09B0465-0100
(2) Erasure
When H'20 is written in the first command cycle and H'D0 is written to any address in the block in
the second command cycle, erase/erase-verify of the specified block is automatically started.
Completion of erasure is indicated by the FMRDY bit in FLMSTR. The FMRDY bit is read as 0
during erasure, and read as 1 after erasure completion.
After erasure completion, the erasure result can be checked by reading the FMEBSF bit in
FLMSTR. (See the description in (9) below, Full Status Checking.)
Note that if the lock bit is 0 (locked) in the specified block and the FMLBD bit is 0 (lock bit
enabled), an erasure command is not accepted for the specified block.
Figures 7.14 and 7.15 show the flowcharts when the erase-suspend function is not used and when
used, respectively.
When the erase-suspend function is being employed and erasure is resumed immediately after a
period in erase-suspend mode, instruction fetching with normal incrimination of the program
counter will not be possible. To avoid this problem, add two NOP instructions immediately after
the instruction that writes FMSPRE = 0. Furthermore, do not use the DTC when erasure has been
suspended in EW1 mode and the reprogramming control program has been allocated to RAM.
In EW1 mode, do not execute this command for the block in which the reprogramming-control
program is located.
The FMRDY bit in FLMSTR changes to 0 when erasure is started, and changes to 1 when
completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com