Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32U073HBU6 Datasheet(PDF) 107 Page - STMicroelectronics

No. de pieza STM32U073HBU6
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073HBU6 Datasheet(HTML) 107 Page - STMicroelectronics

Back Button STM32U073HBU6 Datasheet HTML 103Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 104Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 105Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 106Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 107Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 108Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 109Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 110Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 146 page
background image
Table 87. SPI characteristics
Evaluated by characterization, not tested in production.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fSCK
1/tc(SCK)
SPI clock frequency
Master mode receiver/full duplex
1.71 < VDD < 3.6 V
Voltage Range 1
-
-
27
MHz
Master mode transmitter
1.71 < VDD < 3.6 V
Voltage Range 1
27
Slave mode receiver
1.71 < VDD < 3.6 V
Voltage Range 1
27
Slave mode transmitter/full duplex
2.7 < VDD < 3.6 V
Voltage Range 1
27(1)
Slave mode transmitter/full duplex
1.71 < VDD < 3.6 V
Voltage Range 1
21.5(1)
Voltage Range 2
9.5
tsu(NSS)
NSS setup time
Slave mode, SPI prescaler = 2
4
-
-
TPCLK
th(NSS)
NSS hold time
Slave mode, SPI prescaler = 2
2
-
-
tw(SCKH)
tw(SCKL)
SCK high and low time
Master mode
TSCK2 - 1.5(2)
TSCK2(2)
TSCK2 + 1.5(2)
tsu(MI)
Data input setup time
Master mode
3
-
-
ns
tsu(SI)
Slave mode
3
-
-
th(MI)
Data input hold time
Master mode
2.5
-
-
ns
th(SI)
Slave mode
2.5
-
-
ta(SO)
Data output access time
Slave mode
10
12.5
20
ns
tdis(SO)
Data output disable time
Slave mode
6
7.5
18
ns
tv(SO)
Data output valid time
Slave mode 2.7 < VDD < 3.6 V
Voltage Range 1
-
15
18
ns
Slave mode 1.71 < VDD < 3.6 V
Voltage Range 1
-
15
23
Slave mode 1.71 < VDD < 3.6 V
Voltage Range 2
-
22
30
tv(MO)
Master mode
-
3
5.5
th(SO)
Data output hold time
Slave mode
10
-
-
ns
th(MO)
Master mode
1
-
-
1. Maximum frequency in Slave transmitter mode is determined by the sum of tv(SO) and tsu(MI) which has to fit into SCK low or high phase
preceding the SCK sampling edge. This value can be achieved when the SPI communicates with a master having tsu(MI) = 0 while
Duty(SCK) = 50 %.
2. TSCK2 = TPCLK × prescaler / 2
STM32U073x8/B/C
Electrical characteristics
DS14548 - Rev 2
page 107/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com