Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32U073HBU6 Datasheet(PDF) 103 Page - STMicroelectronics

No. de pieza STM32U073HBU6
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073HBU6 Datasheet(HTML) 103 Page - STMicroelectronics

Back Button STM32U073HBU6 Datasheet HTML 99Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 100Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 101Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 102Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 103Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 104Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 105Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 106Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 146 page
background image
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
V12
V
Segment/Common 1/2 level voltage
-
1/2 VLCD
-
V13
Segment/Common 1/3 level voltage
-
1/3 VLCD
-
V14
Segment/Common 1/4 level voltage
-
1/4 VLCD
-
V0
Segment/Common lowest level voltage
-
0
-
1. LCD enabled with 3 V internal step-up active, 1/8 duty, 1/4 bias, division ratio= 64, all pixels active, no LCD connected.
6.3.26
Timer characteristics
The parameters given in the following tables are specified by design, and not tested in production.
Refer to Section 6.3.14: I/O port characteristics for details on the input/output alternate function characteristics
(output compare, input capture, external clock, PWM output).
Table 82. TIMx characteristics
TIMx, is used as a general term in which x stands for 1,2,3,4,5,6,7,8,15,16 or 17.
Symbol
Parameter
Conditions
Min
Max
Unit
tres(TIM)
Timer resolution time
-
1
-
tTIMxCLK
fTIMxCLK = 48 MHz
20.8
-
ns
fEXT
Timer external clock frequency on CH1 to CH4
-
0
fTIMxCLK/2
MHz
fTIMxCLK = 48 MHz
0
24
MHz
ResTIM
Timer resolution
TIMx (except TIM2)
-
16
bit
TIM2
-
32
tCOUNTER
16-bit counter clock period
-
1
65536
tTIMxCLK
fTIMxCLK = 48 MHz
0.0208
1363.1
µs
tMAX_COUNT Maximum possible count with 32-bit counter
-
-
65536 × 65536
tTIMxCLK
fTIMxCLK = 48 MHz
-
89.34
s
Table 83. IWDG min/max timeout period at 32 kHz (LSI)
The exact timings still depend on the phasing of the APB interface clock versus the LSI clock so that there is always a full RC
period of uncertainty.
Prescaler divider
PR[2:0] bits
Min timeout RL[11:0]= 0x000
Max timeout RL[11:0]= 0xFFF
Unit
/4
0
0.125
512
ms
/8
1
0.250
1024
/16
2
0.500
2048
/32
3
1.0
4096
/64
4
2.0
8192
/128
5
4.0
16384
/256
6 or 7
8.0
32768
Table 84. WWDG min/max timeout at 56 MHz (PCLK)
Prescaler
WDGTB
Min timeout value
Max timeout value
Unit
1
0
0.0358
2.2938
ms
2
1
0.0717
4.5875
4
2
0.1434
9.1750
STM32U073x8/B/C
Electrical characteristics
DS14548 - Rev 2
page 103/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com