Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20203 Datasheet(PDF) 443 Page - Renesas Technology Corp

No. de pieza H8S/20203
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 Datasheet(HTML) 443 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 439Page - Renesas Technology Corp H8S/20203 Datasheet HTML 440Page - Renesas Technology Corp H8S/20203 Datasheet HTML 441Page - Renesas Technology Corp H8S/20203 Datasheet HTML 442Page - Renesas Technology Corp H8S/20203 Datasheet HTML 443Page - Renesas Technology Corp H8S/20203 Datasheet HTML 444Page - Renesas Technology Corp H8S/20203 Datasheet HTML 445Page - Renesas Technology Corp H8S/20203 Datasheet HTML 446Page - Renesas Technology Corp H8S/20203 Datasheet HTML 447Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 443 / 992 page
background image
Section 14 Timer RB
Rev. 1.00 Oct. 03, 2008 Page 417 of 962
REJ09B0465-0100
14.2.1
Timer RB Control Register (TRBCR)
b7
0
b6
0
b5
0
b4
0
b3
0
b2
TSTOP
0
b1
TCSTF
0
b0
TSTART
0
H'FFFFA0
Bit:
Address:
Value after reset:
Bit
Symbol
Bit Name
Description
R/W
7 to 3
Reserved
These bits are read as 0. The write value should
be 0.
2
TSTOP
Count forced stop
0: Timer RB counting is continued.
1: Timer RB counting is forcedly stopped.
R/W
1
TCSTF
Count status flag
0: Timer RB counting is stopped.
1: Timer RB counting is in progress.
[Setting conditions]
• When 1 is written to TSTART and counting is
started.
• The start of counting after ELOPA of the event
link controller is selected counting by timer
RB, the specified event is occurred, and the
TATRT bit is set to 1.
[Clearing conditions]
• When 0 is written to TSTART and counting is
stopped.
• When 1 is written to TSTOP and counting is
stopped.
R
0
TSTART
Count start
0: Timer RB counting is stopped.
1: Timer RB counting is started.
R/W
Notes: 1. A MOV instruction should be used to write to this register.
2. The timer RB registers should not be accessed until the TCSTF bit changes after the
TSTART bit is set, apart from TRBCR which can be read at any time during timer
operation.
• TSTOP bit (count forced stop)
Setting this bit to 1 stops counting forcibly. At this time, the counter of the timer RB prescaler
and the timer RB counter are initialized. Also, bits TSTART and TCSTF in TRBCR, bits
TOSSTF, TOSSP, TOSST in TRBOCR, and TRBO outputs are initialized. The reload register
of the prescaler and the timer RB counter are hold. This bit is always read as 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com