Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20203 Datasheet(PDF) 445 Page - Renesas Technology Corp

No. de pieza H8S/20203
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 Datasheet(HTML) 445 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 441Page - Renesas Technology Corp H8S/20203 Datasheet HTML 442Page - Renesas Technology Corp H8S/20203 Datasheet HTML 443Page - Renesas Technology Corp H8S/20203 Datasheet HTML 444Page - Renesas Technology Corp H8S/20203 Datasheet HTML 445Page - Renesas Technology Corp H8S/20203 Datasheet HTML 446Page - Renesas Technology Corp H8S/20203 Datasheet HTML 447Page - Renesas Technology Corp H8S/20203 Datasheet HTML 448Page - Renesas Technology Corp H8S/20203 Datasheet HTML 449Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 445 / 992 page
background image
Section 14 Timer RB
Rev. 1.00 Oct. 03, 2008 Page 419 of 962
REJ09B0465-0100
• TOSSP bit (one-shot stop)
Writing 1 to this bit stops the timer counting. This bit is always read as 0
• TOSST bit (one-shot start)
In programmable one-shot generation mode or programmable wait one-shot generation mode,
writing 1 to this bit starts the timer counting and one-shot pulse output in synchronization with
the count source. This bit is always read as 0.
14.2.3
Timer RB I/O Control Register (TRBIOC)
b7
0
b6
0
b5
0
b4
0
b3
INOSEG
0
b2
INOSTG
0
b1
TOCNT
0
b0
TOPL
0
H'FFFFA2
TIPF[1:0]
Bit:
Address:
Value after reset:
Bit
Symbol
Bit Name
Description
R/W
7, 6
Reserved
These bits are read as 0. The write value should
be 0.
5, 4
TIPF[1:0]
TRGB input filter
select
00: No filter operation
01: Filtered (Sampled at
φ)
10: Filtered (Sampled at
φ/8)
11: Filtered (Sampled at
φ/32)
These bits should be set to B'00 for timer mode or
pulse output mode.
R/W
3
INOSEG
One-shot trigger
polarity select
0: Triggered at a falling edge.
1: Triggered at a rising edge.
R/W
2
INOSTG
One-shot trigger
control
0: The one-shot trigger function for the TRGB pin
is disabled.
1: The one-shot trigger function for TRGB pin is
enabled.
R/W
1
TOCNT
Timer RB output
switch
0: Waveform is output from timer RB.
1: Waveform output is disabled.
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com