Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20203 Datasheet(PDF) 447 Page - Renesas Technology Corp

No. de pieza H8S/20203
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 Datasheet(HTML) 447 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 443Page - Renesas Technology Corp H8S/20203 Datasheet HTML 444Page - Renesas Technology Corp H8S/20203 Datasheet HTML 445Page - Renesas Technology Corp H8S/20203 Datasheet HTML 446Page - Renesas Technology Corp H8S/20203 Datasheet HTML 447Page - Renesas Technology Corp H8S/20203 Datasheet HTML 448Page - Renesas Technology Corp H8S/20203 Datasheet HTML 449Page - Renesas Technology Corp H8S/20203 Datasheet HTML 450Page - Renesas Technology Corp H8S/20203 Datasheet HTML 451Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 447 / 992 page
background image
Section 14 Timer RB
Rev. 1.00 Oct. 03, 2008 Page 421 of 962
REJ09B0465-0100
14.2.4
Timer RB Mode Register (TRBMR)
b7
TCKCUT
0
b6
0
b5
0
b4
0
b3
TWRC
0
b2
0
b1
0
b0
0
H'FFFFA3
TMOD[1:0]
TCK[2:0]
Bit:
Address:
Value after reset:
Bit
Symbol
Bit Name
Description
R/W
7
TCKCUT*
1
Count source
cutoff
0: Timer RB clock source is supplied.
1: Timer RB clock source is cut off.
R/W
6 to 4 TCK[2:0]*
1
Count source
select
000:
φ
001:
φ/8
010: Underflow of timer RA
011:
φ/2
100:
φ4
101:
φ/32
110:
φ/64
111:
φ/128
R/W
3
TWRC
Write control
0: Both the reload register and counter are written to.
1: Only the reload register is written to.
2
Reserved
This bit is read as 0. The write value should be 0.
1, 0
TMOD[1:0]*
2
Operating
mode select
00: Timer mode
01: Programmable waveform generation mode
10: Programmable one-shot generation mode
11: Programmable wait one-shot generation mode
R/W
Notes: 1. A count source should not be switched or cut off during counting. The count source
should be switched or cut off when both the TSTART and TCSTF bits in TRBCR are 0
(when the timer counting is stopped).
2. An operating mode should be selected when the counting is stopped (when both the
TSTART and TCSTF bits in TRBCR are 0).
• TWRC bit (write control)
Controls the timing when the counter reflects the value of the reload register. This bit should
be 1 except in timer mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com