Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20203 Datasheet(PDF) 519 Page - Renesas Technology Corp

No. de pieza H8S/20203
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 Datasheet(HTML) 519 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 515Page - Renesas Technology Corp H8S/20203 Datasheet HTML 516Page - Renesas Technology Corp H8S/20203 Datasheet HTML 517Page - Renesas Technology Corp H8S/20203 Datasheet HTML 518Page - Renesas Technology Corp H8S/20203 Datasheet HTML 519Page - Renesas Technology Corp H8S/20203 Datasheet HTML 520Page - Renesas Technology Corp H8S/20203 Datasheet HTML 521Page - Renesas Technology Corp H8S/20203 Datasheet HTML 522Page - Renesas Technology Corp H8S/20203 Datasheet HTML 523Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 519 / 992 page
background image
Section 15 Timer RC
Rev. 1.00 Oct. 03, 2008 Page 493 of 962
REJ09B0465-0100
Compare match B
signal
φ
FTIOB pin
TRCCR1
write signal
Setting
Bit
TRCCR1
0
CCLR
0
CKS2
0
CKS1
0
CKS0
0
TOD
1
TOC
1
TOB
0
76
5
4
3210
TOA
Expected
output
Remains high because the writing 1 to TOB has priority
TRCCR1 has been set to H'06. Compare match B and compare match C are used. The FTIOB pin output 1,
and is set to the toggle output or the 0 output on compare match B.
When the TOC bit is cleared (the FTIOC signal is low) by execution of BCLR #2,@TRCCR1 and compare
match B occurs at the same timing as shown below, writing H'02 to TRCCR1 has priority and the FTIOB
signal is not driven low on compare match B; the FTIOB signal remains high.
BCLR #2,@TRCCR1
(1) TRCCR1 is read as H'06.
(2) TRCCR1 is modified from H'06 to H'02.
(3) H'02 is written to TRCCR1.
Figure 15.39 When Compare Match and Bit Manipulation Instruction to TRCCR1
Occur at the Same Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com