Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20203 Datasheet(PDF) 521 Page - Renesas Technology Corp

No. de pieza H8S/20203
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 Datasheet(HTML) 521 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 517Page - Renesas Technology Corp H8S/20203 Datasheet HTML 518Page - Renesas Technology Corp H8S/20203 Datasheet HTML 519Page - Renesas Technology Corp H8S/20203 Datasheet HTML 520Page - Renesas Technology Corp H8S/20203 Datasheet HTML 521Page - Renesas Technology Corp H8S/20203 Datasheet HTML 522Page - Renesas Technology Corp H8S/20203 Datasheet HTML 523Page - Renesas Technology Corp H8S/20203 Datasheet HTML 524Page - Renesas Technology Corp H8S/20203 Datasheet HTML 525Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 521 / 992 page
background image
Section 16 Timer RD
Rev. 1.00 Oct. 03, 2008 Page 495 of 962
REJ09B0465-0100
Section 16 Timer RD
This LSI has two units of 16-bit timers (timer RD_0 and timer RD_1), each of which has two
channels. Table 16.1 lists the timer RD functions, table 16.2 lists the channel configuration of
timer RD, and figure 16.1 is a block diagram of the entire timer RD. Block diagrams of channels 0
and 1 are shown in figures 16.2 and 16.3.
Timer RD_0 has the same functions as timer RD_1. Therefore, the unit number (_0 or _1) is not
explicitly mentioned in this section unless otherwise noted.
16.1
Features
• Capability to process up to eight inputs/outputs
• Eight general registers (GR): four registers for each channel
Independently assignable output compare or input capture functions
• Selection of seven counter clock sources: six internal clocks (φ, φ/2, φ/4, φ/8, φ/32, and φ40M)
and an external clock
• Seven selectable operating modes
 Timer mode
Output compare function (Selection of 0 output, 1 output, or toggle output)
Input capture function (Rising edge, falling edge, or both edges)
 Synchronous operation
Timer counters_0 and _1 (TRDCNT_0 and TRDCNT_1) can be written simultaneously.
Simultaneous clearing by compare match or input capture is possible.
 PWM mode
Up to six-phase PWM output can be provided with desired duty ratio.
 PWM3 mode
One-phase PWM output for non-overlapped normal and counter phases
 Reset synchronous PWM mode
Three-phase PWM output for normal and counter phases
 Complementary PWM mode
Three-phase PWM output for non-overlapped normal and counter phases
The A/D conversion start trigger can be set for PWM cycles.
 Buffer operation
The input capture register can be consisted of double buffers.
The output compare register can automatically be modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com