Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20203 Datasheet(PDF) 523 Page - Renesas Technology Corp

No. de pieza H8S/20203
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 Datasheet(HTML) 523 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 519Page - Renesas Technology Corp H8S/20203 Datasheet HTML 520Page - Renesas Technology Corp H8S/20203 Datasheet HTML 521Page - Renesas Technology Corp H8S/20203 Datasheet HTML 522Page - Renesas Technology Corp H8S/20203 Datasheet HTML 523Page - Renesas Technology Corp H8S/20203 Datasheet HTML 524Page - Renesas Technology Corp H8S/20203 Datasheet HTML 525Page - Renesas Technology Corp H8S/20203 Datasheet HTML 526Page - Renesas Technology Corp H8S/20203 Datasheet HTML 527Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 523 / 992 page
background image
Section 16 Timer RD
Rev. 1.00 Oct. 03, 2008 Page 497 of 962
REJ09B0465-0100
Table 16.1
Timer RD Functions (One Unit)
Item
Channel 0
Channel 1
Count clock
Internal clocks:
φ, φ/2, φ/4, φ/8, φ/32, φ40M
External clock: FTIOA0 (TCLK)
General registers
(output compare/input
capture registers)
GRA_0, GRB_0, GRC_0, GRD_0 GRA_1, GRB_1, GRC_1, GRD_1
Buffer register
GRC_0, GRD_0
GRC_1, GRD_1
I/O pins
FTIOA0, FTIOB0, FTIOC0,
FTIOD0
FTIOA1, FTIOB1, FTIOC1,
FTIOD1
Counter clearing function
Compare match/input capture of
GRA_0, GRB_0, GRC_0, or
GRD_0
Compare match/input capture of
GRA_1, GRB_1, GRC_1, or
GRD_1
0 output
Yes
Yes
1 output
Yes
Yes
Compare
match output
Toggle
output
Yes
Yes
Input capture function
Yes
Yes
Synchronous operation
Yes
Yes
PWM mode
Yes
Yes
PWM3 mode
Yes
Yes
Reset synchronous PWM
mode
Yes
Yes
Complementary PWM
mode
Yes
Yes
Buffer function
Yes
Yes
Interrupt sources
Compare match/
input capture A0 to D0
Overflow
Compare match/
input capture A1 to D1
Overflow
Underflow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com