Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20203 Datasheet(PDF) 176 Page - Renesas Technology Corp

No. de pieza H8S/20203
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 Datasheet(HTML) 176 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 172Page - Renesas Technology Corp H8S/20203 Datasheet HTML 173Page - Renesas Technology Corp H8S/20203 Datasheet HTML 174Page - Renesas Technology Corp H8S/20203 Datasheet HTML 175Page - Renesas Technology Corp H8S/20203 Datasheet HTML 176Page - Renesas Technology Corp H8S/20203 Datasheet HTML 177Page - Renesas Technology Corp H8S/20203 Datasheet HTML 178Page - Renesas Technology Corp H8S/20203 Datasheet HTML 179Page - Renesas Technology Corp H8S/20203 Datasheet HTML 180Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 992 page
background image
Section 6 Power-Down Modes
Rev. 1.00 Oct. 03, 2008 Page 150 of 962
REJ09B0465-0100
6.1.3
Module Standby Control Register 2 (MSTCR2)
b7
MSTSCI3_1
1
b6
MSTSCI3_2
1
b5
MSTSCI3_3
1
b4
1
b3
1
b2
MSTICSU
1
b1
1
b0
1
H'FFFFDD
Bit:
Address:
Value after reset:
Bit
Symbol
Bit Name
Description
R/W
7
MSTSCI3_1 SCI3 channel 1
module standby
0: Operating state
1: Standby state
R/W
6
MSTSCI3_2 SCI3 channel 2
module standby
0: Operating state
1: Standby state
R/W
5
MSTSCI3_3 SCI3 channel 3
module standby
0: Operating state
1: Standby state
R/W
4, 3
Reserved
These bits are read as 1. The write value should
be 1.
2
MSTICSU
IIC2/SSU
module standby
0: Operating state
1: Standby state
R/W
1, 0
Reserved
These bits are read as 1. The write value should
be 1.
Notes: 1. When a peripheral module is in the module standby state, the registers of the module
cannot be accessed.
2. When writing to this register, write 1s to the reserved bits.
• MSTSCI3_1 (SCI3 channel 1 module standby)
When this bit is set to 1, SCI3 channel 1 enters the standby state.
• MSTSCI3_2 (SCI3 channel 2 module standby)
When this bit is set to 1, SCI3 channel 2 enters the standby state.
• MSTSCI3_3 (SCI3 channel 3 module standby)
When this bit is set to 1, SCI3 channel 3 enters the standby state.
• MSTICSU (IIC2/SSU module standby)
When this bit is set to 1, the IIC2 or SSU enters the standby state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com