Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20203 Datasheet(PDF) 180 Page - Renesas Technology Corp

No. de pieza H8S/20203
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 Datasheet(HTML) 180 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 176Page - Renesas Technology Corp H8S/20203 Datasheet HTML 177Page - Renesas Technology Corp H8S/20203 Datasheet HTML 178Page - Renesas Technology Corp H8S/20203 Datasheet HTML 179Page - Renesas Technology Corp H8S/20203 Datasheet HTML 180Page - Renesas Technology Corp H8S/20203 Datasheet HTML 181Page - Renesas Technology Corp H8S/20203 Datasheet HTML 182Page - Renesas Technology Corp H8S/20203 Datasheet HTML 183Page - Renesas Technology Corp H8S/20203 Datasheet HTML 184Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 992 page
background image
Section 6 Power-Down Modes
Rev. 1.00 Oct. 03, 2008 Page 154 of 962
REJ09B0465-0100
Table 6.1 shows the internal states of the LSI in each mode.
Table 6.1
Internal State in Each Operating Mode
LPCR1
PSCSTP = 0
LPCR1
PSCSTP = 1
Function
Active Mode Sleep Mode Active Mode Sleep Mode
Standby Mode
System clock
Functioning
Functioning
Functioning
Functioning
Stopped
CPU
Instruction
execution
Functioning
Stopped
Functioning
Stopped
Stopped
Registers
Functioning
Retained
Functioning
Retained
Retained
DTC
Functioning
Functioning
Functioning
Functioning
Stopped
ELC
Functioning
Functioning
Functioning*
1
Functioning*
1
Retained
RAM
Functioning
Functioning
Functioning
Functioning
Retained
I/O ports
Functioning
Functioning
Functioning
Functioning
Register
contents are
retained, but
output goes to
the high-
impedance
state.
External
interrupts
IRQ7 to
IRQ0,
NMI
Functioning
Functioning
Functioning
Functioning
Functioning
Peripheral
modules
Timer RA,
timer RB,
timer RC,
timer RD_0,
timer RD_1
Functioning
Functioning
Retained*
2
Retained*
2
Retained
Timer RE
Functioning
Functioning
Functioning in realtime
clock mode and retained in
output-compare mode.
Functioning
Timer RG
Functioning
Functioning
Retained*
2
Retained*
2
Retained
Watchdog
timer
Functioning
Functioning
Retained*
3
Retained*
3
Retained*
3
SCI3_1,
SCI3_2,
SCI3_3
Functioning
Functioning
Retained*
2
Retained*
2
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com