Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20203 Datasheet(PDF) 178 Page - Renesas Technology Corp

No. de pieza H8S/20203
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 Datasheet(HTML) 178 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 174Page - Renesas Technology Corp H8S/20203 Datasheet HTML 175Page - Renesas Technology Corp H8S/20203 Datasheet HTML 176Page - Renesas Technology Corp H8S/20203 Datasheet HTML 177Page - Renesas Technology Corp H8S/20203 Datasheet HTML 178Page - Renesas Technology Corp H8S/20203 Datasheet HTML 179Page - Renesas Technology Corp H8S/20203 Datasheet HTML 180Page - Renesas Technology Corp H8S/20203 Datasheet HTML 181Page - Renesas Technology Corp H8S/20203 Datasheet HTML 182Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 992 page
background image
Section 6 Power-Down Modes
Rev. 1.00 Oct. 03, 2008 Page 152 of 962
REJ09B0465-0100
• MSTTMRA bit (timer RA module standby)
When this bit is set to 1, timer RA enters the standby state.
• MSTTMRB bit (timer RB module standby)
When this bit is set to 1, timer RB enters the standby state.
• MSTTMRC bit (timer RC module standby)
When this bit is set to 1, timer RC enters the standby state.
Timer RC is not available on the H8S/20203 and H8S/20223 groups; this bit is reserved on
these devices. For a write-access, write 1 to this bit.
• MSTTMRD1 bit (timer RD unit 0 module standby)
When this bit is set to 1, timer RD unit 0 enters the standby state.
• MSTTMRD2 bit (timer RD unit 1 module standby)
When this bit is set to 1, timer RD unit 1 enters the standby state.
Timer RD unit 1 is not available on the H8S/20103 group; this bit is reserved on the device.
For a write-access, write 1 to this bit.
• MSTTMRG bit (timer RG module standby)
When this bit is set to 1, timer RG enters the standby state.
• MSTTMRE bit (timer RE module standby)
When this bit is set to 1, timer RE enters the standby state. Note that if the
φsub is selected as
the count clock in realtime clock mode or output-compare mode, timer RE operates regardless
of the setting of this bit but the timer RE registers cannot be accessed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com