Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20203 Datasheet(PDF) 181 Page - Renesas Technology Corp

No. de pieza H8S/20203
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 Datasheet(HTML) 181 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 177Page - Renesas Technology Corp H8S/20203 Datasheet HTML 178Page - Renesas Technology Corp H8S/20203 Datasheet HTML 179Page - Renesas Technology Corp H8S/20203 Datasheet HTML 180Page - Renesas Technology Corp H8S/20203 Datasheet HTML 181Page - Renesas Technology Corp H8S/20203 Datasheet HTML 182Page - Renesas Technology Corp H8S/20203 Datasheet HTML 183Page - Renesas Technology Corp H8S/20203 Datasheet HTML 184Page - Renesas Technology Corp H8S/20203 Datasheet HTML 185Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 992 page
background image
Section 6 Power-Down Modes
Rev. 1.00 Oct. 03, 2008 Page 155 of 962
REJ09B0465-0100
LPCR1
PSCSTP = 0
LPCR1
PSCSTP = 1
Function
Active Mode Sleep Mode Active Mode Sleep Mode Standby Mode
IIC2/SSU
Functioning
Functioning
Retained
Retained
Reset
Peripheral
modules
A/D
converter_1,
A/D
converter_2
Functioning
Functioning
Retained*
4
Retained*
4
Reset
D/A
converter
Functioning
Functioning
Functioning
Functioning Reset
Notes: 1. The timers are stopped if
φ/2 to φ/8192 is selected as the clock source of the event-
generation timer.
2. The timers operate if
φ is selected as the count clock. The timers are stopped if φ/2 to
φ/8192 is selected as the count clock.
3. The WDT operates if the low-speed OCO is selected as its clock source.
4. The A/D converters operate when A/D conversion time = 43 states (max) is selected.
The A/D converters are retained when the other conversion time is set.
6.2.1
Active Mode
In active mode, the CPU, DTC, and all the on-chip peripheral modules operate on the system
clock
φ. The system clock frequency can be selected from among φbase, φbase/2, φbase/4,
φbase/8, φbase/16, φbase/32, φbase/64, and φbase/128 according to the PHI[2:0] setting in LPCR2.
6.2.2
Sleep Mode
When a SLEEP instruction is executed in active mode with the SSBY bit = 0 in LPCR1, a
transition to sleep mode is made. In sleep mode, the CPU is stopped but the DTC and all the on-
chip peripheral modules operate on the system clock. CPU register contents are retained.
When an interrupt is requested, sleep mode is canceled causing a transition to active mode and
interrupt exception handling starts. Sleep mode cannot be canceled if the I bit in CCR is 1 or the
requested interrupt is masked by the interrupt enable bit. After sleep mode is canceled, the high-
speed or low-speed clock is selected as the system clock source depending on the SLEEPRS bit
setting in LPCR1.
When the
RES pin is driven low or any other internal reset occurs, sleep mode is canceled causing
a transition to the reset state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com