Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20203 Datasheet(PDF) 212 Page - Renesas Technology Corp

No. de pieza H8S/20203
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 Datasheet(HTML) 212 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 208Page - Renesas Technology Corp H8S/20203 Datasheet HTML 209Page - Renesas Technology Corp H8S/20203 Datasheet HTML 210Page - Renesas Technology Corp H8S/20203 Datasheet HTML 211Page - Renesas Technology Corp H8S/20203 Datasheet HTML 212Page - Renesas Technology Corp H8S/20203 Datasheet HTML 213Page - Renesas Technology Corp H8S/20203 Datasheet HTML 214Page - Renesas Technology Corp H8S/20203 Datasheet HTML 215Page - Renesas Technology Corp H8S/20203 Datasheet HTML 216Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 992 page
background image
Section 7 ROM
Rev. 1.00 Oct. 03, 2008 Page 186 of 962
REJ09B0465-0100
(b) Device Selection
In response to the device selection command, the boot program sets the specified supported device
as the selected device. The boot program will return the information on the selected device in
response to the subsequent inquiries.
Command
H'10
Size
Device code
SUM
• Command H'10 (1 byte): Device selection
• Size (1 byte): The number of characters in the device-code field (fixed to four).
• Device code (4 bytes): The device code that has been returned in response to the inquiry about
supported devices (ASCII code)
• SUM (1 byte): Checksum
Response
H'06
• Response H'06 (1 byte): Response to device selection
The ACK code is returned when the specified device code corresponds to one of the supported
devices.
Error response
H'90
ERROR
• Error response H'90 (1 byte): Error response to device selection
• ERROR (1 byte): Error code
H'11: Checksum error
H'21: Device code error indicating device code disagreement
(c)
Inquiry about Clock Modes
In response to the command for inquiry about clock modes, the boot program returns the
information on the selectable clock modes.
Command
H'21
• Command H'21 (1 byte): Inquiry about clock modes
Response
H'31
Size
Mode
…
SUM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com