Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20203 Datasheet(PDF) 216 Page - Renesas Technology Corp

No. de pieza H8S/20203
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 Datasheet(HTML) 216 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 212Page - Renesas Technology Corp H8S/20203 Datasheet HTML 213Page - Renesas Technology Corp H8S/20203 Datasheet HTML 214Page - Renesas Technology Corp H8S/20203 Datasheet HTML 215Page - Renesas Technology Corp H8S/20203 Datasheet HTML 216Page - Renesas Technology Corp H8S/20203 Datasheet HTML 217Page - Renesas Technology Corp H8S/20203 Datasheet HTML 218Page - Renesas Technology Corp H8S/20203 Datasheet HTML 219Page - Renesas Technology Corp H8S/20203 Datasheet HTML 220Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 992 page
background image
Section 7 ROM
Rev. 1.00 Oct. 03, 2008 Page 190 of 962
REJ09B0465-0100
(g) Inquiry about User ROM Area
In response to the command for inquiry about the user ROM area, the boot program returns the
number of user ROM areas and their addresses.
Command
H'25
• Command H'25 (1 byte): Inquiry about user ROM area
Response
H'35
Size
Number
of areas
First address of the area
Last address of the area
…
SUM
• Response H'35 (1 byte): Response to the inquiry about user ROM area
• Size (1 byte): The total size of the number-of-areas, first-address-of-the-area, and last-address-
of-the-area fields.
• Number of areas (1 byte): The number of consecutive user ROM areas
(H'01 is returned when the user ROM areas are continuous.)
• First address of the area (4 bytes): The first address of the area
• Last address of the area (4 bytes): The last address of the area
As many pairs of the first-address-of-the-area and last-address-of-the-area fields are continued
as the number of areas.
• SUM (1 byte): Checksum
(h) Inquiry about Erasure Blocks
In response to the command for inquiry about erasure blocks, the boot program returns the number
of erasure blocks and their addresses.
Command
H'26
• Command H'26 (1 byte): Inquiry about erasure blocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com